Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78307FBEBZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL78307FBEBZ
Description  40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78307FBEBZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL78307FBEBZ Datasheet HTML 1Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 2Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 3Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 4Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 5Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 6Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 7Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 8Page - Renesas Technology Corp ISL78307FBEBZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISL78307
FN7658 Rev 3.00
Page 5 of 9
April 7, 2015
Typical Performance Curves V
IN = 14V, IOUT = 1mA, VOUT = 5V, TJ = +25 °C unless otherwise specified.
FIGURE 4. QUIESCENT CURRENT vs LOAD CURRENT
FIGURE 5. QUIESCENT CURRENT vs INPUT VOLTAGE (NO LOAD)
FIGURE 6. SHUTDOWN CURRENT vs TEMPERATURE (EN = 0)
FIGURE 7. OUTPUT VOLTAGE vs TEMPERATURE (LOAD = 50mA)
FIGURE 8. OUTPUT VOLTAGE vs LOAD CURRENT
FIGURE 9. START-UP WAVEFORM
0
10
20
30
40
50
60
70
80
0
10
20
304050
LOAD CURRENT (mA)
-40°C
+25°C
+125°C
0
5
10
15
20
25
30
010
20
30
40
INPUT VOLTAGE (V)
-40°C
+25°C
+125°C
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
TEMPERATURE (°C)
VIN = 40V
VIN = 14V
-0.010
-0.005
0
0.005
0.010
-50
0
50
100
150
5V OPTION
3.3V OPTION
TEMPERATURE (°C)
4.900
4.925
4.950
4.975
5.000
5.025
5.050
5.075
5.100
010
20
30
40
50
LOAD CURRENT (mA)
-40°C
+25°C
+125°C
EN at 500mV/DIV
VOUT at 1V/DIV
TIME at 500µs/DIV


Similar Part No. - ISL78307FBEBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78307FBEBZ INTERSIL-ISL78307FBEBZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
More results

Similar Description - ISL78307FBEBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
392Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com