Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4008TIP55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV4008TIP55
Description  Very Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4008TIP55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV4008TIP55 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4008TIP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 1.1
Jan.
2004
1
R0201-BS62LV4008
Very Low Power/Voltage CMOS SRAM
512K X 8 bit
• Vcc operation voltage : 2.4V ~ 3.6V
• Very low power consumption :
Vcc = 3.0V C-grade: 29mA (@55ns) operating current
I -grade: 30mA (@55ns) operating current
C-grade: 24mA (@70ns) operating current
I -grade: 25mA (@70ns) operating current
0.45uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Fully static operation
The BS62LV4008 is a high performance, very low power CMOS
Static Random Access Memory organized as 524,288 words by 8 bits
and operates from a range of 2.4V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.45uA at 3.0V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable
(CE) , and active LOW output enable (OE) and three-state output
drivers.
The BS62LV4008 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62LV4008 is available in the JEDEC standard 32L SOP, TSOP
, PDIP, TSOP II and STSOP package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
2048 X 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
Data
Buffer
Input
Control
GND
Vdd
OE
WE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
16
256
2048
2048
22
A11 A9 A8 A3 A2 A1 A0 A10
BS62LV4008
BSI
POWER DISSIPATION
SPEED
( ns )
STANDBY
( I CCSB1 , Max )
Operating
( I CC , Max )
PKG
TYPE
BS62LV4008TC
TSOP- 32
BS62LV4008STC
STSOP-32
BS62LV4008SC
SOP -32
BS62LV4008EC
TSOP2-32
BS62LV4008PC
+0
O C to +70O C
2.4V ~ 3.6V
55 / 70
5uA
29mA
24mA
PDIP -32
BS62LV4008TI
TSOP-32
BS62LV4008STI
STSOP-32
BS62LV4008SI
SOP - 32
BS62LV4008EI
TSOP2-32
BS62LV4008PI
-40
O C to +85O C
2.4V ~ 3.6V
55 / 70
10uA
30mA
25mA
PDIP - 32
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
A11
A9
A8
A13
WE
A17
A15
VCC
A18
A16
A14
A12
A7
A6
A5
A4
BS62LV4008TC
BS62LV4008STC
BS62LV4008TI
BS62LV4008STI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62LV4008SC
BS62LV4008SI
BS62LV4008EC
BS62LV4008EI
BS62LV4008PC
BS62LV4008PI
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
55ns :3.0~3.6V
Vcc = 3.0V Vcc =3.0V
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• Three state outputs and TTL compatible
70ns :2.7~3.6V
55ns
70ns
Vcc =3.0V


Similar Part No. - BS62LV4008TIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4008TIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com