Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1794CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1794CSW
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1794CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1794CSW Datasheet HTML 6Page - Linear Technology LT1794CSW Datasheet HTML 7Page - Linear Technology LT1794CSW Datasheet HTML 8Page - Linear Technology LT1794CSW Datasheet HTML 9Page - Linear Technology LT1794CSW Datasheet HTML 10Page - Linear Technology LT1794CSW Datasheet HTML 11Page - Linear Technology LT1794CSW Datasheet HTML 12Page - Linear Technology LT1794CSW Datasheet HTML 13Page - Linear Technology LT1794CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1794
Power Dissipation and Heat Management
xDSL applications require the line driver to dissipate a
significant amount of power and heat compared to other
components in the system. The large peak to RMS varia-
tions of DMT and CAP ADSL signals require high supply
voltages to prevent clipping, and the use of a step-up
transformer to couple the signal to the telephone line can
require high peak current levels. These requirements
result in the driver package having to dissipate on the
order of 1W. Several multiport cards inserted into a rack
in an enclosed central office box can add up to many,
many watts of power dissipation in an elevated ambient
temperature environment. The LT1794 has built-in ther-
mal shutdown circuitry that will protect the amplifiers if
operated at excessive temperatures, however data trans-
missions will be seriously impaired. It is important in the
design of the PCB and card enclosure to take measures to
spread the heat developed in the driver away to the
ambient environment to prevent thermal shutdown (which
occurs when the junction temperature of the LT1794
exceeds 165
°C).
Estimating Line Driver Power Dissipation
Figure 6 is a typical ADSL application shown for the
purpose of estimating the power dissipation in the line
driver. Due to the complex nature of the DMT signal,
which looks very much like noise, it is easiest to use the
RMS values of voltages and currents for estimating the
driver power dissipation. The voltage and current levels
shown for this example are for a full-rate ADSL signal
driving 20dBm or 100mWRMS of power on to the 100Ω
telephone line and assuming a 0.5dBm insertion loss in
the transformer. The quiescent current for the LT1794 is
set to 10mA per amplifier.
The power dissipated in the LT1794 is a combination of the
quiescent power and the output stage power when driving
a signal. The two amplifiers are configured to place a
differential signal on to the line. The Class AB output stage
in each amplifier will simultaneously dissipate power in
the upper power transistor of one amplifier, while sourc-
ing current, and the lower power transistor of the other
amplifier, while sinking current. The total device power
dissipation is then:
PD = PQUIESCENT + PQ(UPPER) + PQ(LOWER)
PD = (V+ – V) • IQ + (V+ – VOUTARMS) •
ILOAD + (V – VOUTBRMS) • ILOAD
APPLICATIO S I FOR ATIO
Figure 6. Estimating Line Driver Power Dissipation
1794 F06
+
B
–IN
+
A
+IN
12V
20mA DC
SHDN
–12V
–2VRMS
17.4
24.9k – SETS IQ PER AMPLIFIER = 10mA
1:1.7
110
1000pF
110
1k
1k
17.4
SHDNREF
100
3.16VRMS
ILOAD = 57mARMS
2VRMS


Similar Part No. - LT1794CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1794 LINER-LT1794 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results

Similar Description - LT1794CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
   500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com