Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6103EUR-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6103EUR-T
Description  Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6103EUR-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6103EUR-T Datasheet HTML 1Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 2Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6103EUR-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Cost, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6100, VOUT = 1.8V
(VIN = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
TA = +25°C
1.793
1.800
1.807
V
0°C to +70°C
65
Output Voltage Temperature
Coefficient (Notes 2, 3)
TCVOUT
-40°C to +85°C75
ppm/°C
Line Regulation
∆VOUT/
∆VIN
2.5V
≤ VIN ≥ 12.6V
200
µV/V
Sourcing: 0
≤ IOUT ≤ 5mA
0.9
Load Regulation
∆VOUT/
∆IOUT
Sinking: -2mA
≤ IOUT ≤ 0
4.0
mV/mA
Short to GND
110
OUT Short-Circuit Current
ISC
Short to IN
12
mA
Long-Term Stability
∆VOUT/
time
1000hr at +25°C50
ppm/
1000hr
Output Voltage Hysteresis
(Note 4)
∆VOUT/
cycle
130
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
22
µVP-P
Noise Voltage
eOUT
f = 10Hz to 10kHz
25
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 5V, ±100mV, f = 120Hz
86
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value,
COUT = 50pF
100
µs
INPUT CHARACTERISTICS
Supply Voltage Range
VIN
Guaranteed by line-regulation test
2.5
12.6
V
Quiescent Supply Current
IIN
90
125
µA
Change in Supply Current
IIN/VIN
2.5V
≤ VIN ≤ 12.6V
4
8
µA/V


Similar Part No. - MAX6103EUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6103EUR-T MAXIM-MAX6103EUR-T Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results

Similar Description - MAX6103EUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6161 MAXIM-MAX6161 Datasheet
335Kb / 17P
   Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Rev 2; 2/02
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com