Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCRF202 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCRF202
Description  125 kHz Passive RFID Device with Sensor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF202 Datasheet(HTML) 3 Page - Microchip Technology

  MCRF202 Datasheet HTML 1Page - Microchip Technology MCRF202 Datasheet HTML 2Page - Microchip Technology MCRF202 Datasheet HTML 3Page - Microchip Technology MCRF202 Datasheet HTML 4Page - Microchip Technology MCRF202 Datasheet HTML 5Page - Microchip Technology MCRF202 Datasheet HTML 6Page - Microchip Technology MCRF202 Datasheet HTML 7Page - Microchip Technology MCRF202 Datasheet HTML 8Page - Microchip Technology MCRF202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2003 Microchip Technology Inc.
DS21308E-page 3
MCRF202
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings(†)
Storage temperature .............................................................................................................................. - 65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
Maximum current into coil pads .............................................................................................................................. 50 mA
TABLE 1-1:
AC AND DC CHARACTERISTICS
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
All parameters apply across the
specified operating ranges
unless otherwise noted.
Industrial (I): TA = -40°C to +85°C
Parameter
Sym
Min
Typ
Max
Units
Conditions
Clock frequency
FCLK
100
400
kHz
Data retention
200
Years
25°C
Coil current (Dynamic)
ICD
—50
µA
Operating current with no VCC
load
IDD
—5
µAVCC = 2V
No load to VCC pad
Operating current with VCC load
IDL
—10
µAVCC = 2V
VCC load through switch
to sensor
Turn-on-voltage (Dynamic) for
modulation
VAVB
10
VPP
VCC
2—
VDC
Input Capacitance
CIN
2
pF
Between VA and VB
SENSOR pull-down
RS
400
800
1200
k
SENSOR trigger threshold
VS
0.5
1.0
1.5
V


Similar Part No. - MCRF202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M00A MICROCHIP-MCRF200I/1M00A Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M08D MICROCHIP-MCRF200I/1M08D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M14D MICROCHIP-MCRF200I/1M14D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1MQ23 MICROCHIP-MCRF200I/1MQ23 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
More results

Similar Description - MCRF202

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com