Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3338AEZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CA3338AEZ
Description  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3338AEZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CA3338AEZ Datasheet HTML 2Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 3Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 4Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 5Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 6Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 7Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 8Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 9Page - Renesas Technology Corp CA3338AEZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CA3338, CA3338A
FN1850 Rev 4.00
Page 9 of 10
July 2004
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in JE-
DEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
CL
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
E16.3 (JEDEC MS-001-BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N16
16
9
Rev. 0 12/93


Similar Part No. - CA3338AEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3338AEZ INTERSIL-CA3338AEZ Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Similar Description - CA3338AEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338 INTERSIL-CA3338_04 Datasheet
232Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com