Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV012A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MTV012A
Description  8051 Embedded CRT Monitor Controller Mask Version
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV012A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV012A Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV012A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MYSON
TECHNOLOGY
MTV012A
MTV012A Revision 1.1 12/23/1998
6/14
5
60.53
102h / 258
183h / 387
6
66.67
0EAh / 234
15Fh / 351
7
70.069
0DEh / 222
14Eh / 334
8
70.08
0DEh / 222
14Eh / 334
9
72
0D9h /217
145h / 325
10
72.378
0D7h / 215
143h / 323
11
72.7
0D6h / 214
142h / 322
12
87
0B3h / 179
10Dh / 269
*1. The V-Freq output (VF8 - VF0) is valid.
*2. The tolerance deviation is + 1 LSB.
4.3 H/V Present Check
The H present function checks the input HSYNC pulse; the Hpre flag is set when HSYNC is over 10KHz
or cleared when HSYNC is under 10Hz. The V present function checks the input VSYNC pulse; the Vpre
flag is set when VSYNC is over 40Hz or cleared when VSYNC is under 10Hz. The control bit "PREFS"
selects the time base for these functions. The HPRchg interrupt is set when the Hpre value changes.
The VPRchg interrupt is set when the Vpre/CVpre values change. However, the CVpre flag interrupt
may be disabled when S/W disables the composite function.
4.4 H/V Polarity Detection
The polarity functions detect the input HSYNC/VSYNC high and low pulse duty cycle. If the high pulse
duration is longer than that of the low pulse, the negative polarity is asserted; otherwise, positive polarity
is asserted. The HPLchg interrupt is set when the Hpol value changes. The VPLchg interrupt is set when
the Vpol value changes.
4.5 Output HBLANK/VBLANK Control and Polarity Adjustment
HBLANK is the MUX output of HSYNC and the self-test horizontal pattern. The VBLANK is the MUX
output of VSYNC, CVSYNC and the self-test vertical pattern. The MUX selection and output polarity are
S/W controllable. The VBLANK output is cut off when VSYNC frequency is over 200Hz or 133Hz
depends on 8MHz/12MHz OSC selection. HBLANK/VBLANK shares the output pin with P4.1/ P4.0.
4.6 Self-Test Pattern Generator
This generator can generate 4 display patterns for testing purposes: positive cross-hatch, negative
cross-hatch, full white and full black (shown in the following figure). It was originally designed to support
monitor manufacturers to do a burn-in test, or offer the end-user a reference to check the monitor. The
generator's output STOUT shares the output pin with P4.2.
Display Region
Self-Test Patterns (1)


Similar Part No. - MTV012A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
More results

Similar Description - MTV012A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com