Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM2940STM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM2940STM
Description  0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM2940STM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM2940STM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM2940STM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM2940STM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM2940STM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
TYPICAL APPLICATIONS
OM2940STM
0.9
0
Output Current (mA)
Dropout Voltage
TJ = 25°C
200
1000
800
600
400
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0
0.1
1.0
-40
Temperature (°C)
Dropout Voltage
vs Temperature
1 A
0
160
120
40
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
80
500 mA
100 mA
5.10
-40
Temperature (°C)
Output Voltage
vs Temperature
0
160
120
40
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
80
30
-10
Time (µs)
Line Transient Response
0
0V
20
10
0
-10
-20
-30
3V
10
20
30
40 50
60
200
0
Input Voltage (V)
Quiescent Current
1 A
180
160
140
120
100
80
60
40
20
0
500 mA
100 mA
5
101520 2530 35
50
Temperature (°C)
Quiescent Current
vs Temperature
VIN = VOUT +5V
0
40
30
20
10
-40
0
160
120
40
80
1 A
500 mA
10 mA
50
0
Load Current (A)
Quiescent Current
0.2
1.0
0.8
0.4
40
30
20
10
0
0.6
VIN = 14V
VOUT = 5V
TJ = 25°C
95
1
Frequency (Hz)
Ripple Rejection
10
100k
10k
100
35
1k
1M
45
55
65
75
85
VIN = 10V
COUT = 22µF
IOUT = 10mA
VOUT =5V
0.5
-10
Time (µs)
Load Transient Response
040
30
10
0
20
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
1.0
0.5
VIN = 10V, COUT = 22µF
TJ = 25°C, VOUT =5V


Similar Part No. - OM2940STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM2940-05SM ETC-OM2940-05SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-12SM ETC-OM2940-12SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
OM2940-15SM ETC-OM2940-15SM Datasheet
41Kb / 4P
   SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR
More results

Similar Description - OM2940STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
OM1860STM IRF-OM1860STM Datasheet
447Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com