Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1801EVAL1ZA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL1801EVAL1ZA
Description  sPMIC for Micro Converter Bias and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1801EVAL1ZA Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL1801EVAL1ZA Datasheet HTML 1Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 2Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 3Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 4Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 5Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 6Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 7Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 8Page - Renesas Technology Corp ISL1801EVAL1ZA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ISL1801
FN8259 Rev 1.00
Page 5 of 30
July 24, 2014
14
RPWM3
The reset signal for both flip-flops in the LATCHRPT circuit and overcurrent-protection circuit of DRIVE3/PHASE3. The
RPWM3=0 will reset both flip-flops. Avoid running PWM3=1 with RPWM3=0 for a long time or at very high frequency, since
it may result in very high switching frequency at DRIVE3 in the overcurrent protection condition.
15
BCMD
Logic input to control BDRIVE.
16
BRESET
Logic input to reset the LATCHRPT flip-flop in the BDRIVE control circuit.
17
WDI
Watchdog circuit clock input signal.
18
VDDREF
Reference signal for output signals to the MCU. Connect this pin to VOUT2, which provides a clamp voltage for all the output
pins (CMP1O, AMPO) interfacing with the MCU.
19
LATCHRPT
Open drain output signal. When either comparator or Phase3 overcurrent protection is triggered, this pin is pulled LOW to
inform the MCU. The two internal flip-flops used to latch these faults can be reset by setting RWPM3=0.
20
PGOOD2
Open drain output pin indicating power-good for the low voltage regulator. A logic low signal at the watchdog output will also
pull this pin LOW allowing it to reset the MCU in either fault condition.
21
AMPO
Integrated amplifier output.
22
AMP-
Integrated amplifier inverting input.
23
AMP+
Integrated amplifier non-inverting input.
24
SGND
The ground pin of the sensitive control circuits biased by VCC5V. Connect this pin to a ground plane with minimum noise.
25
CMP1+
Comparator 1 non-inverting input.
26
CMP1-
Comparator 1 inverting input.
27
CMP1O
Comparator 1 output. This signal also triggers the flip-flop for the LATCHRPT signal.
28
CMP2-
Comparator 2 inverting input.
29
CMP2+
Comparator 2 non-inverting input.
30
FB2
The feedback sense pin for the low voltage switching regulator. The output voltage is programmable by a resistor divider
feeding back the output voltage.
31
TON2
On time adjustment for the secondary (low voltage) switching regulator. Connect a resistor from this pin to the input voltage
of the low voltage regulator to adjust the on time and switching frequency.
32
PGND2
The ground pin of the low voltage switching regulator’s power stage. There are switching power current pulses coming out of
this pin. Place the ground pad of the input power stage decoupling cap as close to this pin as possible.
33
PHASE2
The phase node of the low voltage switching regulator. This pin should be connected to the output inductor.
34
BOOT2
The boot pin of the low voltage switching regulator. An external bootstrap capacitor is required. This pin provides bias voltage
to the high-side MOSFET driver. A bootstrap circuit is used to create a voltage suitable to drive the internal N-channel MOSFET.
The boot diode is included within the IC.
35
VIN2
Input of the low voltage switching regulator. This pin is connected to the drain of the internal high-side MOSFET.
36
VCC5V
The output of the internal 5V LDO providing the bias supply for the IC. A 1µF ceramic decoupling capacitor should be placed
from this pin to ground.
37
GND
The analog ground pin.
38
PRELOAD
Place a resistor from this pin to VOUT1 to provide the loading for the high voltage switching regulator. When this load can be
successfully driven, the low voltage switching regulator will be enabled. If the PV module output power is insufficient, the low
voltage switching regulator will not start.
39
FB1
The feedback sense pin for the high voltage switching regulator. The output voltage is programmable by a resistor divider
feeding back the output voltage.
40
TON1
On time adjustment for the high voltage switching regulator. Connect a resistor from this pin to the input voltage of the high
voltage regulator to adjust the on time and switching frequency.
41
TIMER
Tie a resistor from VCC5V to this pin and a cap from this pin to ground. The RC time constant sets the time needed for both
start-up and watchdog timing. A minimum of 0.01µF should be connected to this pin to filter the switching noise from BOOT1.
The pull-up resistor should not be more than 200kΩ to assure correct operation.
Pin Descriptions (Continued)
PIN#
PIN NAME
DESCRIPTION


Similar Part No. - ISL1801EVAL1ZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1801EVAL1ZA INTERSIL-ISL1801EVAL1ZA Datasheet
1Mb / 30P
   sPMIC for Micro Converter Bias and Drivers
More results

Similar Description - ISL1801EVAL1ZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1801IVZ INTERSIL-ISL1801IVZ Datasheet
1Mb / 30P
   sPMIC for Micro Converter Bias and Drivers
logo
Linear Technology
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
List of Unclassifed Man...
BPWXL6-9U-070 ETC2-BPWXL6-9U-070 Datasheet
356Kb / 3P
   BIAS 6 Watt LED Drivers
BPWXL4-12U-035 ETC2-BPWXL4-12U-035 Datasheet
369Kb / 3P
   BIAS 4 Watt LED Drivers
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
logo
MORNSUN Science& Techno...
QAA03C-1505R3 MORNSUN-QAA03C-1505R3 Datasheet
3Mb / 10P
   DC/DC Converter for SiC DriverS
2022.07.07
logo
Maxim Integrated Produc...
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com