Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5038RF Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM5038RF
Description  RF DECODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5038RF Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM5038RF Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5038RF Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PIN DESCRIPTION
NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
PIN NAME
A0
A1
A2
A3
A4
A5
A6
A7
VSS
D3
D2
D1
D0
DI
OSC1
OSC2
VT
VDD
I / O
I
I
I
I
I
I
I
I
POWER
O
O
O
O
I
I
O
O
POWER
FUNCTION
Page 3
Address input , each pin can be
set to "0' , "1".
Address/Data output active high.
Negative power supply.
Receive from RF module.
Resistor connected between
these two pins determine the
system clock.
Valid transmission indication.
Positive power supply.
V1.0
SM5038RF
212 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5038RF

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
   Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
More results

Similar Description - SM5038RF

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
SamHop Microelectronics...
SM5272B SAMHOP-SM5272B Datasheet
52Kb / 12P
   3 RF DECODER
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com