Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6111 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6111
Description  Current Regulated PCI Hot Plug Power Switch Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6111 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6111 Datasheet HTML 3Page - Renesas Technology Corp ISL6111 Datasheet HTML 4Page - Renesas Technology Corp ISL6111 Datasheet HTML 5Page - Renesas Technology Corp ISL6111 Datasheet HTML 6Page - Renesas Technology Corp ISL6111 Datasheet HTML 7Page - Renesas Technology Corp ISL6111 Datasheet HTML 8Page - Renesas Technology Corp ISL6111 Datasheet HTML 9Page - Renesas Technology Corp ISL6111 Datasheet HTML 10Page - Renesas Technology Corp ISL6111 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL6111
FN9146 Rev 1.00
Page 7 of 16
Mar 2004
Slow Ramping Current Trip Level
CT/CR
di/dt = 0.001A/s, Current Trip Level/Current
Regulation Level
-90
-
%
Current Trip Level Temp Coeff.
M12VCT_t
dCT/85°C
-
0.1
-
mA/°C
Gate Turn-Off Time
tOFFM12VG
CM12VG = 0.005F, M12VG Falling 90% to 10%
-
330
-
ns
Gate Response Time To Overcurrent
tOC2M12VG
-1
1
s
Gate Response Time to WOC
tWOC2M12VG
-
400
-
ns
Gate Output Charge Current
ICM12VG
ENABLE = High, VM12VG = -10V
-
102
-
A
Vout Turn-On Time
tONM12VO
-12V Falling 90% - 10%, CM12VO = 50F, RL = 120
-11
-
ms
Vout Turn-On Time
tONM12VO
-12V Falling 90% - 10%, CM12VO = 150F, RL =120
-35
-
ms
Vout Turn-Off Time
tOFFM12VO
-12V Rising 10% - 90%, CM12VO = 150F, RL = 120
-40
-
ms
Vout Turn-Off Time WOC
tOFFM12VOWOC -12V Rising 10% - 90%, CM12VO = 150F, RL = 120
-15
-
s
Vout Turn-Off Voltage
VOFFM12VO
Vout when off
-
-0.6
-
V
M12VIN Input Bias Current
IBM12VIN
ENABLE = High
4.5
5.3
7
mA
CONTROL AND I/O PINS
CRSET Current Source
ICRSET
90
100
110
A
Rising ENABLE Threshold Voltage
VTH_EN_L2H
1.5
1.7
2.0
V
Falling ENABLE Threshold Voltage
VTH_EN_H2L
1.2
1.5
1.9
V
ENABLE Threshold Voltage Hysteresis
VTH_EN_HYS
-0.2
0.3
V
Enable to Output Turn-on Prop. Delay
Tpd_EN
Enable high to start of output turn=on
-
2
-
ms
Power Good Output Low Voltage
VPG,L
IPG = 5mA
-
0.6
0.75
V
Power Good Output Pull-down Current
IPG
-40
-
mA
Power Good to Vout Falling Response
Time
tUV2PG_fall
Vout < UV Vth to PG low
-
500
-
ns
Power Good to Vout Rising Response
Time
tUV2PG_rise
Vout >UV Vth to PG high
-
8
-
ms
FAULTN Output Low Voltage
VFLTN,L
IFLTN = 5mA
-
0.6
0.75
V
FAULTN Output Pull-down Current
IFLTN
-40
-
mA
FAULTN Output Response Time
tOC2FLTN
CTIM_Vth to FLTN low
-
-
1
µs
CRTIM Charging Current
CRTIM_ichg0
VCTIM = 0V
-
26
-
A
Current Regulation Time-Out Threshold
CRTIM_Vth
CTIM Voltage
2.74
2.83
2.92
V
BIAS
12V Lock Out Threshold
VPOR,THrise
VCC Voltage Rising
9.88
10.1
10.5
V
12V Power On Reset Threshold
VPOR,THfall
VCC Voltage Falling
9.17
9.3
9.43
V
12V Reset Threshold Hysteresis
VPOR,HYS
-0.69
-
V
12V Disabled Supply Current
IDIS
12VIN, EN = 0V
-
3.3
6
mA
Electrical Specifications
Nominal 5.0V and 3.3V Input Supply Voltages,
12VI = 12V, M12VI = -12V, TA = TJ = 0 to 75°C, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS


Similar Part No. - ISL6111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6111 INTERSIL-ISL6111 Datasheet
480Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
ISL6111CRZA INTERSIL-ISL6111CRZA Datasheet
480Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
ISL6111EVAL2 INTERSIL-ISL6111EVAL2 Datasheet
480Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
More results

Similar Description - ISL6111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6111 INTERSIL-ISL6111 Datasheet
480Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com