Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6227CA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6227CA
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6227CA Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6227CA Datasheet HTML 1Page - Renesas Technology Corp ISL6227CA Datasheet HTML 2Page - Renesas Technology Corp ISL6227CA Datasheet HTML 3Page - Renesas Technology Corp ISL6227CA Datasheet HTML 4Page - Renesas Technology Corp ISL6227CA Datasheet HTML 5Page - Renesas Technology Corp ISL6227CA Datasheet HTML 6Page - Renesas Technology Corp ISL6227CA Datasheet HTML 7Page - Renesas Technology Corp ISL6227CA Datasheet HTML 8Page - Renesas Technology Corp ISL6227CA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISL6227
FN9094 Rev 7.00
Page 4 of 27
May 4, 2009
Soft-Start Current During Start-Up
ISOFT
--4.5-
µA
Soft-Start Complete Threshold
VST
(Note 5)
-
1.5
-
V
PWM CONVERTERS
Load Regulation
0.0mA < IVOUT1 < 5.0A; 5.0V < VBATT < 28.0V
-2.0
-
+2.0
%
VSEN Pin Bias Current
IVSEN
(Note 5)
-
80
-
nA
Minimum Duty Cycle
Dmin
-4-
%
Maximum Duty Cycle
Dmax
-87-
%
VOUT Pin Input Impedance
IVOUT
VOUT = 5V
-
134
-
k
Undervoltage Shut-Down Level
VUVL
Fraction of the set point; ~2µs noise filter
70
75
80
%
Overvoltage Protection
VOVP1
Fraction of the set point; ~2µs noise filter
110
115
-
%
GATE DRIVERS
Upper Drive Pull-Up Resistance
R2UGPUP VCC = 5V
-
4
8
Upper Drive Pull-Down Resistance
R2UGPDN VCC = 5V
-
2.3
4
Lower Drive Pull-Up Resistance
R2LGPUP VCC = 5V
-
4
8
Lower Drive Pull-Down Resistance
R2LGPDN VCC = 5V
-
1.1
3
POWER GOOD AND CONTROL FUNCTIONS
Power Good Lower Threshold
VPG-
Fraction of the set point; ~3µs noise filter
84
89
92
%
Power Good Higher Threshold
VPG+
Fraction of the set point; ~3µs noise filter.
110
115
120
%
PGOODx Leakage Current
IPGLKG
VPULLUP = 5.5V
-
-
1
µA
PGOODx Voltage Low
VPGOOD
IPGOOD = -4mA
-
0.5
1
V
ISEN Sourcing Current
(Note 5)
-
-
260
µA
OCSET Sourcing Current Range
2-
20
µA
EN - Low (Off)
--
0.8
V
EN - High (On)
2.0
-
-
V
Continuous-Conduction-Mode(CCM)
Enforced (HYS Operation Inhibited)
VOUTX pulled low
-
-
0.1
V
Automatic CCM/HYS Operation
Enabled
VOUTX connected to the output
0.9
-
-
V
DDR - Low (Off)
--
0.8
V
DDR - High (On)
3-
-
V
DDR REF Output Voltage
VDDREF
DDR = 1, IREF = 0...10mA
0.99*
VOC2
VOC2
1.01*
VOC2
V
DDR REF Output Current
IDDREF
DDR = 1 (Note 5)
-
10
12
mA
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL6227CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227CA INTERSIL-ISL6227CA Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CA INTERSIL-ISL6227CA Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CA INTERSIL-ISL6227CA Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CA-T INTERSIL-ISL6227CA-T Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CAZ INTERSIL-ISL6227CAZ Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com