Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6227CAZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6227CAZ
Description  Dual Mobile-Friendly PWM Controller with DDR Option
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6227CAZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6227CAZ Datasheet HTML 1Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 2Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 3Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 4Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 5Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 6Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6227CAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ISL6227
FN9094 Rev 7.00
Page 5 of 27
May 4, 2009
Typical Operation Performance
FIGURE 1. EFFICIENCY OF CHANNEL 1, 2.5V,
HYS/PWM MODE
FIGURE 2. EFFICIENCY OF CHANNEL 2, 1.8V,
HYS/PWM MODE
FIGURE 3. OUTPUT VOLTAGE OF CHANNEL 1 vs LOAD
FIGURE 4. OUTPUT VOLTAGE OF CHANNEL 2 vs LOAD
FIGURE 5. SWITCHING FREQUENCY OVER-TEMPERATURE
FIGURE 6. REFERENCE VOLTAGE ACCURACY
OVER-TEMPERATURE
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.0
LOAD CURRENT (A)
EFF@ 5V
EFF@ 12V
EFF@ 19.5V
EFF@ 5V, PWM
EFF@ 12V, PWM
EFF@ 19.5V, PWM
0
10
20
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.0
LOAD CURRENT (A)
EFF@ 19.5V
EFF@ 19.5V, PWM
EFF@ 12V, PWM
EFF@ 5V
EFF@ 5V, PWM
EFF@ 12V
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
012
34
5
LOAD CURRENT (A)
VOUT @ 19.5V
VOUT @ 12V
VOUT @ 19.5V, PWM
VOUT @ 5V
VOUT @ 5V, PWM
VOUT @ 12V, PWM
1.78
1.79
1.80
1.81
1.82
1.83
01
2
3
4
5
LOAD CURRENT (A)
VOUT @ 19.5V
VOUT @ 12V
VOUT @ 12V, PWM
VOUT @ 5V
VOUT @ 5V, PWM
VOUT @ 19.5V, PWM
286
288
290
292
294
296
298
300
302
304
306
308
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
75% QUANTILE
25% QUANTILE
FREQUENCY MEAN
0.8975
0.8980
0.8985
0.8990
0.8995
0.9000
0.9005
0.9010
0.9015
0.9020
0.9025
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
75% QUANTILE
25% QUANTILE
VREF MEAN


Similar Part No. - ISL6227CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227CAZ INTERSIL-ISL6227CAZ Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CAZ INTERSIL-ISL6227CAZ Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CAZ INTERSIL-ISL6227CAZ Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227CAZ-T INTERSIL-ISL6227CAZ-T Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results

Similar Description - ISL6227CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com