Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6236IRZA Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6236IRZA
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6236IRZA Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6236IRZA Datasheet HTML 7Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 8Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 9Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 10Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 11Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 12Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 13Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 14Page - Renesas Technology Corp ISL6236IRZA Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ISL6236
FN6373 Rev 6.00
Page 11 of 36
April 29, 2010
FIGURE 15. VOUT1 = 1.5V OUTPUT VOLTAGE REGULATION
vs VIN (PWM MODE)
FIGURE 16. VOUT1 = 1.5V OUTPUT VOLTAGE REGULATION
vs VIN (SKIP MODE)
FIGURE 17. VOUT2 = 3.3V OUTPUT VOLTAGE REGULATION
vs VIN (PWM MODE)
FIGURE 18. VOUT2 = 3.3V OUTPUT VOLTAGE REGULATION
vs VIN (SKIP MODE)
FIGURE 19. VOUT1 = 5V OUTPUT VOLTAGE REGULATION vs
VIN (PWM MODE)
FIGURE 20. VOUT1 = 5V OUTPUT VOLTAGE REGULATION vs
VIN (SKIP MODE)
Typical Performance Curves
Circuit of Figures 66, 67 and 68, no load on LDO, OUT1, OUT2, VREF3, and REF, VIN = 12V,
EN2 = EN1 = VCC, VBYP = 5V, PVCC = 5V, VEN LDO = 5V, TA = -40°C to +100°C, unless
otherwise noted. Typical values are at TA = +25°C. (Continued)
1.504
1.506
1.508
1.510
1.512
1.514
1.516
1.518
5
7
9
11
13151719
2123
25
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
1.500
1.505
1.510
1.515
1.520
1.525
1.530
5
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
MID LOAD PWM
NO LOAD PWM
MAX LOAD PWM
3.310
3.315
3.320
3.325
3.330
3.335
3.340
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
5.040
5.045
5.050
5.055
5.060
5.065
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
5.02
5.04
5.06
5.08
5.10
5.12
5.14
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
MAX LOAD PWM
MID LOAD PWM
NO LOAD PWM


Similar Part No. - ISL6236IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6236IRZA INTERSIL-ISL6236IRZA Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236IRZA-T INTERSIL-ISL6236IRZA-T Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236IRZA-TKR5281 INTERSIL-ISL6236IRZA-TKR5281 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6236IRZA-TR5281 INTERSIL-ISL6236IRZA-TR5281 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6236IRZA-TS2568 INTERSIL-ISL6236IRZA-TS2568 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6236IRZA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com