Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6260C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6260C
Description  Multiphase PWM Regulator for IMVP-6 Mobile CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6260C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6260C Datasheet HTML 6Page - Renesas Technology Corp ISL6260C Datasheet HTML 7Page - Renesas Technology Corp ISL6260C Datasheet HTML 8Page - Renesas Technology Corp ISL6260C Datasheet HTML 9Page - Renesas Technology Corp ISL6260C Datasheet HTML 10Page - Renesas Technology Corp ISL6260C Datasheet HTML 11Page - Renesas Technology Corp ISL6260C Datasheet HTML 12Page - Renesas Technology Corp ISL6260C Datasheet HTML 13Page - Renesas Technology Corp ISL6260C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL6260C
FN9259 Rev 3.00
Page 10 of 28
June 21, 2010
FIGURE 19. TRANSIENT LOAD RESPONSE, 40A LOAD STEP
@ 200A/µs, 3 PHASE
FIGURE 20. TRANSIENT LOAD 3 PHASE OPERATION -
CURRENT BALANCE
FIGURE 21. TRANSIENT LOAD 3 PHASE OPERATION, ZOOM
OF RISING EDGE CURRENT BALANCE
FIGURE 22. TRANSIENT LOAD 3 PHASE OPERATION, ZOOM
OF FALLING EDGE CURRENT BALANCE
FIGURE 23. IVID MSB BIT CHANGE FROM 1.4375V TO 0.65V
SHOWING 9mV/µs SLEW RATE, DPRSLPVR = 0,
DPRSTP# = 1
FIGURE 24. SLEW RATE ENTERING C4, VID MSB BIT
CHANGE FROM 1.4375V TO 0.65V SHOWING
2mV/µs SLEW RATE, DPRSLPVR = 1, DPRSTP# = 0
Typical Operating Performance (Continued)
COMP PIN
VOUT
VID MSB
VOUT
VOUT
VID MSB


Similar Part No. - ISL6260C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CCRZ-T INTERSIL-ISL6260CCRZ-T Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CIRZ INTERSIL-ISL6260CIRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CIRZ-T INTERSIL-ISL6260CIRZ-T Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6260C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL6260CCRZ-T INTERSIL-ISL6260CCRZ-T Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com