Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6262IRZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6262IRZ
Description  Two-Phase Core Regulator for IMVP-6 Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6262IRZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6262IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6262IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ISL6262
FN9199 Rev 2.00
Page 3 of 27
May 15, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 -+7V
Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +25V
Boot1,2 and UGATE1,2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +30V
ALL Other Pins. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD +0.3V)
Open Drain Outputs, PGOOD, VR_TT# . . . . . . . . . . . . . . -0.3 -+7V
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to 21V
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . -10°C to 100°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . -10°C to 125°C
Ambient Temperature, Industrial . . . . . . . . . . . . . . . -40°C to 100°C
Junction Temperature, Industrial . . . . . . . . . . . . . . . -40°C to 125°C
Thermal Resistance (Typical)
JA°C/W
JC°C/W
QFN Package (Notes 1, 2). . . . . . . . . .
29
4.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VDD = 5V, TA = -40°C to 100°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
VR_ON = 3.3V
-
3.1
3.6
mA
VR_ON = 0V
-
-
1
µA
+3.3V Supply Current
I3V3
No load on CLK_EN#
-
-
1
µA
Battery Supply Current at VIN pin
IVIN
VR_ON = 0V, VIN = 25V,
-
-
1
µA
POR (Power-On Reset) Threshold
PORr
VDD Rising
-
4.35
4.5
V
PORf
VDD Falling
3.9
4.1
-
V
SYSTEM AND REFERENCES
System Accuracy
%Error
(Vcc_core)
ISL6262CRZ
No load, closed loop, active mode,
TA = 0°C to 100°C, VID = 0.75-1.5V
-0.5
-
0.5
%
VID = 0.5-0.7375V
-8
-
8
mV
VID = 0.3-0.4875V
-15
-
15
mV
%Error
(Vcc_core)
ISL6262IRZ
TA = -40°C to 100°C, VID = 0.75-1.5V
-0.8
-
0.8
%
VID = 0.5-0.7375V
-10
-
10
mV
VID = 0.3-0.4875V
-18
-
18
mV
RBIAS Voltage
RRBIAS
RRBIAS = 147k
1.45
1.47
1.49
V
Boot Voltage
VBOOT
1.188
1.2
1.212
V
Maximum Output Voltage
VCC_CORE
(max)
VID = [0000000]
-
1.5
-
V
VCC_CORE
(min)
VID = [1100000]
-
0.3
-
V
VID Off State
VID = [1111111]
-
0
-
V
CHANNEL FREQUENCY
Nominal Channel Frequency
fSW
RFSET = 3.9k, 2 channel operation,
Vcomp = 2V
-300
-
kHz
Adjustment Range
200
-
500
kHz


Similar Part No. - ISL6262IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262IRZ INTERSIL-ISL6262IRZ Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262IRZ INTERSIL-ISL6262IRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262IRZ-T INTERSIL-ISL6262IRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262IRZ-T INTERSIL-ISL6262IRZ-T Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
More results

Similar Description - ISL6262IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com