Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263CRZ-T Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6263CRZ-T
Description  5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6263CRZ-T Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6263CRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 13Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 14Page - Renesas Technology Corp ISL6263CRZ-T Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL6263
FN9213 Rev 2.00
Page 11 of 19
June 10, 2010
current. This information is used exclusively to achieve the
IMVP-6+ load line as well as the overcurrent protection. It is
important to note that this current measurement should not be
confused with the synthetic current ripple information created
within the R3 modulator.
When using inductor DCR current sensing, an NTC element is
used to compensate the positive temperature coefficient of the
copper winding thus maintaining the load-line accuracy.
Processor Socket Kelvin Voltage Sensing
The remote voltage sense input pins VSEN and RTN of the
ISL6263 are to be terminated at the die of the GPU through
connections that mate at the processor socket. (The signal
names are Vcc_sense and Vss_sense respectively.) Kelvin
sensing allows the voltage regulator to tightly control the
processor voltage at the die, compensating for various
resistive voltage drops in the power delivery path.
Since the voltage feedback is sensed at the processor die,
removing the GPU will open the voltage feedback path of the
regulator, causing the output voltage to rise towards VIN. The
ISL6263 will shut down when the voltage between the VO and
VSS pins exceeds the severe overvoltage protection threshold
VOVPS of 1.55V. To prevent this issue from occurring, it is
recommended to install resistors Ropn1 and Ropn2 as shown
in Figure 5. These resistors provide voltage feedback from the
regulator local output in the absence of the GPU. These
resistors should be in the range of 20
 to 100
High Efficiency Diode Emulation Mode
The ISL6263 operates in continuous-conduction-mode (CCM)
during heavy load for minimum conduction loss by forcing the
low-side MOSFET to operate as a synchronous rectifier.
Depending upon the VID and FDE pin states, an improvement
in light-load efficiency can be achieved by operating in
discontinuous-conduction-mode (DCM) where the low-side
MOSFET is operated in diode-emulation-mode (DEM), forcing
the low-side MOSFET to block negative inductor current flow.
Positive-going inductor current flows from either the source of
the high-side MOSFET, or the drain of the low-side MOSFET.
Negative-going inductor current flows into the source of the
high-side MOSFET, or the drain of the low-side MOSFET.
When the low-side MOSFET conducts positive inductor
current, the phase voltage will be negative with respect to the
VSS pin. Conversely, when the low-side MOSFET conducts
negative inductor current, the phase voltage will be positive
with respect to the VSS pin. Negative inductor current occurs
in CCM when the output load current is less than ½ the
inductor ripple current. Sinking negative inductor through the
low-side MOSFET lowers efficiency through unnecessary
conduction losses. Upon entering DEM the PWM switching
frequency is automatically shifted downward by an increase of
the window voltage VW of 33%. The PWM switching frequency
will continue to decrease as the load continues to decrease.
The reduction of PWM frequency further improves efficiency by
reducing switching losses. The converter will automatically
enter DEM after eight consecutive PWM pulses where the
PHASE pin has detected positive voltage shortly after the
LGATE pin has gone high. The converter will return to CCM on
the following cycle after the PHASE pin detects negative
FIGURE 5. SIMPLIFIED VOLTAGE DROOP CIRCUIT WITH GPU SOCKET KELVIN SENSING AND INDUCTOR DCR CURRENT SENSING
VSUM
DFB
VO
VSEN
RTN
VDIFF
OCP
OCSET
DROOP
DROOP
ROCSET
COUT
LOUT
RS
ESR
DCR
PHASE
VCC_SNS
VSS_SNS
To
Processor
Socket
Kelvin
Connections
RFILTER1
RFILTER2
CFILTER1
CFILTER2
CFILTER3
VDD
10µA


Similar Part No. - ISL6263CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263CRZ-T INTERSIL-ISL6263CRZ-T Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
More results

Similar Description - ISL6263CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com