Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263D Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6263D
Description  3-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6263D Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6263D Datasheet HTML 5Page - Renesas Technology Corp ISL6263D Datasheet HTML 6Page - Renesas Technology Corp ISL6263D Datasheet HTML 7Page - Renesas Technology Corp ISL6263D Datasheet HTML 8Page - Renesas Technology Corp ISL6263D Datasheet HTML 9Page - Renesas Technology Corp ISL6263D Datasheet HTML 10Page - Renesas Technology Corp ISL6263D Datasheet HTML 11Page - Renesas Technology Corp ISL6263D Datasheet HTML 12Page - Renesas Technology Corp ISL6263D Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6263D
FN6753 Rev 1.00
Page 9 of 18
July 8, 2010
Theory of Operation
The R3 Modulator
The heart of the ISL6263D is Intersil’s Robust-Ripple-Regulator
(R3) Technology™. The R3 modulator is a hybrid of fixed
frequency PWM control, and variable frequency hysteretic control
that will simultaneously affect the PWM switching frequency and
PWM duty cycle in response to input voltage and output load
transients.
The term “Ripple” in the name “Robust-Ripple-Regulator”
refers to the synthesized voltage-ripple signal VR that appears
across the internal ripple-capacitor CR. The VR signal is a
representation of the output inductor ripple current.
Transconductance amplifiers measuring the input voltage of
the converter and the output set-point voltage VSOFT, together
produce the voltage-ripple signal VR.
A voltage window signal VW is created across the VW and
COMP pins by sourcing a current proportional to gmVSOFT
through a parallel network consisting of resistor RFSET and
capacitor CFSET. The synthesized voltage-ripple signal VR
along with similar companion signals are converted into PWM
pulses.
The PWM frequency is proportional to the difference in
amplitude between VW and VCOMP. Operating on these large-
amplitude, low noise synthesized signals allows the ISL6263D
to achieve lower output ripple and lower phase jitter than either
conventional hysteretic or fixed frequency PWM controllers.
Unlike conventional hysteretic converters, the ISL6263D has
an error amplifier that allows the controller to maintain tight
voltage regulation accuracy throughout the VID range from
0.7V to 1.0875V.
Voltage Programming
The output voltage VOUT is regulated to the SOFT pin voltage,
VSOFT, which is determined by the DAC output and is
programmed by the external three VID pins. Another two pins
OFFSET0 and OFFSET1 incrementally provide +12.5mV and
+25mV offset of the DAC output voltage, respectively. Table 1
shows the DAC output specification.
Power-On Reset
The ISL6263D is disabled until the voltage at the VDD pin has
increased above the rising VDD power-on reset (POR)
VDD_THR threshold voltage. The controller will become
disabled when the voltage at the VDD pin decreases below the
falling POR VDD_THF threshold voltage.
Start-Up Timing
Figure 4 shows the ISL6263D start-up timing. Once VDD has
ramped above VDD_THR, the controller can be enabled by
pulling the VR_ON pin voltage above the input-high threshold
VVR_ONH. Approximately 100µs later, the soft-start capacitor
CSOFT begins slewing to the designated VID set-point as it is
charged by the soft-start current source ISS. The VOUT output
voltage of the converter follows the VSOFT voltage ramp to
within 10% of the VID set-point then counts 13 switching cycles,
then changes the open-drain output of the PGOOD pin to high
impedance. During soft-start, the regulator always operates in
continuous conduction mode (CCM).
Static Regulation
The VOUT output voltage will be regulated to the value set by
the VID inputs per Table 1. A true differential amplifier
connected to the VSEN and RTN pins implements processor
Kelvin sense for precise core voltage regulation at the GPU
voltage sense points.
The ISL6263D can accommodate DCR current sense or
discrete resistor current sense. The DCR current sense uses
the intrinsic series resistance of the output inductor, as shown
in the application circuit of Figure 2. The discrete resistor
current sense uses a shunt connected in series with the output
inductor, as shown in the application circuit of Figure 3. In both
cases the signal is fed to the non-inverting input of the current
sense amplifier at the ISP pin, where it is measured
differentially with respect to the output voltage of the converter
at the VO pin and amplified. The voltage at the ICOMP pin
minus the output voltage measured at the VO pin, is
proportional to the total inductor current. This information is
used for overcurrent protection and current monitoring. It is
important to note that this current measurement should not be
confused with the synthetic current ripple information created
within the R3 modulator.
When using inductor DCR current sense, an NTC
compensation network is optional to compensate the positive
temperature coefficient of the copper winding, thus maintaining
the current sense accuracy.
Processor Kelvin Voltage Sense
The remote voltage sense input pins VSEN and RTN of the
ISL6263D are to be terminated at the die of the GPU. Kelvin
sense allows the voltage regulator to tightly control the
processor voltage at the die, compensating for various
resistive voltage drops in the power delivery path.
VR_ON
VSOFT/VOUT
PGOOD
13 SWITCHING CYCLES
~100µs
90%
FIGURE 4. ISL6263D START-UP TIMING


Similar Part No. - ISL6263D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263D INTERSIL-ISL6263D Datasheet
396Kb / 17P
   Pre-biased Output Start-Up Capability
More results

Similar Description - ISL6263D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com