Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263CHRZ-T Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6263CHRZ-T
Description  5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6263CHRZ-T Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6263CHRZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 13Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 14Page - Renesas Technology Corp ISL6263CHRZ-T Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL6263C
FN6745 Rev 1.00
Page 11 of 18
July 8, 2010
forcing the low-side MOSFET to operate as a synchronous
rectifier. An improvement in light-load efficiency is achieved by
allowing the converter to operate in diode-emulation mode
(DEM) where the low-side MOSFET behaves as a smart-
diode, forcing the device to block negative inductor current
flow.
Positive-going inductor current flows from either the source of
the high-side MOSFET, or the drain of the low-side MOSFET.
Negative-going inductor current flows into the source of the
high-side MOSFET, or into the drain of the low-side MOSFET.
When the low-side MOSFET conducts positive inductor
current, the phase voltage will be negative with respect to the
VSS pin. Conversely, when the low-side MOSFET conducts
negative inductor current, the phase voltage will be positive
with respect to the VSS pin. Negative inductor current occurs
when the output DC load current is less than ½ the inductor
ripple current. Sinking negative inductor current through the
low-side MOSFET lowers efficiency through unnecessary
conduction losses. Efficiency can be further improved with a
reduction of unnecessary switching losses by reducing the
PWM frequency. The PWM frequency can be configured to
automatically make a step-reduction upon entering DEM by
forcing a step-increase of the window voltage VW. The window
voltage can be configured to increase approximately 30%,
50%, or not at all. The characteristic PWM frequency
reduction, coincident with decreasing load, is accelerated by
the step-increase of the window voltage.
The converter will enter DEM after detecting three consecutive
PWM pulses with negative inductor current. The negative
inductor current is detected during the time that the high-side
MOSFET gate driver output UGATE is low, with the exception
of a brief blanking period. The voltage between the PHASE pin
and VSS pin is monitored by a comparator that latches upon
detection of positive phase voltage. The converter will return to
CCM after detecting three consecutive PWM pulses with
positive inductor current.
The inductor current is considered positive if the phase
comparator has not been latched while UGATE is low.
Because the switching frequency in DEM is a function of load
current, very light load condition can produce frequencies well
into the audio band. To eliminate this audible noise, an audio
filter can be enabled that briefly turns on the low-side MOSFET
gate driver LGATE approximately every 35µs.
The DEM and audio filter operation are programmed by the
AF_EN and FDE pins in conjunction with VID0:VID4 according
to Table 2.
Smooth mode transitions are facilitated by the R3 modulator,
which correctly maintains the internally synthesized ripple
current information throughout mode transitions.
Current Monitor
The ISL6263C features a current monitor output. The voltage
between the IMON and VSS pins is proportional to the output
inductor current. The output inductor current is proportional to
the voltage between the ICOMP and VO pins. The IMON pin
has source and sink capability for close tracking of transient
current events. The current monitor output is expressed in
Equation 1:
Protection
The ISL6263C provides overcurrent protection (OCP),
overvoltage protection (OVP), and undervoltage protection
(UVP), as shown in Table 3.
Overcurrent protection is tied to the current sense amplifier.
Given the overcurrent set point IOC, the maximum voltage
at ICOMP pin VICOMP(max) (which is the voltage when
OCP happens) can be determined by the current sense
network (explained in “Inductor DCR Current Sense” on
page 14 and “Resistor Current Sense” on page 15). During
start-up, the ICOMP pin must fall 25mV below the OCSET pin
to reset the overcurrent comparator, which requires
(VICOMP(max) - VO) > 25mV.
The OCP threshold detector is checked every 15µs and will
increment a counter if the OCP threshold is exceeded,
conversely the counter will be decremented if the load current
is below the OCP threshold. The counter will latch an OCP
fault when the counter reaches eight. The fastest OCP
response for overcurrent levels that are no more than 2.5 times
the OCP threshold is 120µs, which is eight counts at 15µs
each. The ISL6263C protects against hard shorts by latching
an OCP fault within 2µs for overcurrent levels exceeding 2.5
times the OCP threshold.
The overcurrent threshold is determined by the resistor
ROCSET between OCSET pin and VO pin. The value of
ROCSET is calculated in Equation 2:
For example, choose VICOMP(max) - VO = 80mV. ROCSET can
use a 8.06kΩ
resistor, according to Equation 2.
UVP and OVP are independent of the OCP. If the output
voltage measured on the VO pin is less than +300mV below
the voltage on the SOFT pin for longer than 1ms, the controller
will latch a UVP fault. If the output voltage measured on the VO
pin is >195mV above the voltage on the SOFT pin for longer
TABLE 2. DIODE EMULATION MODE and AUDIO FILTER
GPU MODE
(VID code)
FDE AF_EN
DEM
STATUS
VOLTAGE
WINDOW
AUDIO
FILTER
MODE 1
0-
DISABLED
NOM
-
1-
ENABLED
130% NOM
-
MODE 2
-0
ENABLED
150% NOM
-
11
ENABLED
130% NOM
-
01
ENABLED
130% NOM ENABLED
VIMON
VICOMP VO
 31
=
(EQ. 1)
ROCSET
VICOMP max
 VO
10
A
----------------------------------------------------
=
(EQ. 2)


Similar Part No. - ISL6263CHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263CHRZ-T INTERSIL-ISL6263CHRZ-T Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263CHRZ-T INTERSIL-ISL6263CHRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6263CHRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263D RENESAS-ISL6263D Datasheet
778Kb / 18P
   3-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com