Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6265A
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6265A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6265A Datasheet HTML 6Page - Renesas Technology Corp ISL6265A Datasheet HTML 7Page - Renesas Technology Corp ISL6265A Datasheet HTML 8Page - Renesas Technology Corp ISL6265A Datasheet HTML 9Page - Renesas Technology Corp ISL6265A Datasheet HTML 10Page - Renesas Technology Corp ISL6265A Datasheet HTML 11Page - Renesas Technology Corp ISL6265A Datasheet HTML 12Page - Renesas Technology Corp ISL6265A Datasheet HTML 13Page - Renesas Technology Corp ISL6265A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL6265A
FN6884 Rev 0.00
Page 10 of 24
May 11, 2009
PHASE_NB
Switch node of the Northbridge controller. This pin should
connect to the source of the Northbridge channel upper
MOSFET(s).
BOOT_NB
This pin is the upper gate drive supply voltage for the
Northbridge controller. Connect an appropriately sized ceramic
bootstrap capacitor between the BOOT_NB and PHASE_NB
pins. An internal bootstrap diode connected to the PVCC pin
provides the necessary bootstrap charge.
PGND_NB
The return path of the Northbridge controller lower gate driver.
Connect this pin to the source of the lower MOSFET(s).
OCSET
CORE_0 and CORE_1 common overcurrent protection
selection input. The voltage on this pin sets the (ISPx - ISNx)
voltage limit for OC trip.
VW0, VW1
A resistor from this pin to corresponding COMPx pin programs the
switching frequency (for example, 6.81k ~ 300kHz).
COMP0, COMP1
The output of the CORE_0 and CORE_1 controller error
amplifiers respectively. FBx, VDIFFx, and COMPx pins are tied
together through external R-C networks to compensate the
regulator.
FB0, FB1
These pins are the output voltage feedback to the inverting
input of the CORE_0 and CORE_1 error amplifiers.
VDIFF0, VDIFF1
Output of the CORE_0 and CORE_1 differential amplifiers.
VSEN0, RTN0
Inputs to the CORE_0 VR controller precision differential
remote sense amplifier. Connect to the sense pins of the
VDD0_FB[H, L] portion of the processor.
VSEN1, RTN1
Inputs to the CORE_1 VR controller precision differential
remote sense amplifier. Connect to the sense pins of the
VDD1_FB[H,L] portion of the processor. The RTN1 pin is also
used for detection of the VDD_PLANE_STRAP signal prior to
enable.
ISP0, ISN0, ISP1, ISN1
These pins are used for differentially sensing the corresponding
channel output current. The sensed current is used for channel
balancing, protection, and core load line regulation.
Connect ISN0 and ISN1 to the node between the RC sense
elements surrounding the inductor of their respective channel.
Tie the ISP0 and ISP1 pins to the VCORE side of their
corresponding channel’s sense capacitor. These pins can also
be used for discrete resistor sensing.
BOOT0, BOOT1
These pins provide the bias voltage for the corresponding
upper MOSFET drives. Connect these pins to appropriately
chosen external bootstrap capacitors. Internal bootstrap diodes
connected to the PVCC pin provide the necessary bootstrap
charge.
UGATE0, UGATE1
Connect these pins to the corresponding upper MOSFET
gate(s). These pins control the upper MOSFET gate(s) and are
monitored for shoot-through prevention.
LGATE0, LGATE1
Connect these pins to the corresponding lower MOSFET
gate(s).
PHASE0, PHASE1
Switch node of the CORE_0 and CORE_1 controllers. Connect
these pins to the sources of the corresponding upper
MOSFET(s). These pins are the return path for the upper
MOSFET drives.
PGND0, PGND1
The return path of the lower gate driver for CORE_0 and
CORE_1 respectively. Connect these pins to the
corresponding sources of the lower MOSFETs.
Theory of Operation
The ISL6265A is a flexible multi-output controller supporting
Northbridge and single or dual power planes required by Class
M AMD Mobile CPUs. In single plane applications, both core
voltage regulators operate single-phase. In uniplane core
applications, the core voltage regulators are configured to
operate as a two-phase regulator. All three regulator outputs
include integrated gate drivers for reduced system cost and
small board area. The regulators provide optimum steady-state
and transient performance for microprocessor applications.
System efficiency is enhanced by idling a phase in uniplane
configurations at low-current and implementing automatic
DCM-mode operation when PSI_L is asserted to logic low.
The heart of the ISL6265A is the R3 Technology™, Intersil's
Robust Ripple Regulator modulator. The R3 modulator
combines the best features of fixed frequency PWM and
hysteretic PWM while eliminating many of their shortcomings.
The ISL6265A modulator internally synthesizes an analog of
the inductor ripple current and uses hysteretic comparators on
those signals to establish PWM pulse widths. Operating on
these large-amplitude, noise-free synthesized signals allows
the ISL6265A to achieve lower output ripple and lower phase
jitter than either conventional hysteretic or fixed frequency
PWM controllers. Unlike conventional hysteretic converters,
the ISL6265A has an error amplifier that allows the controller to
maintain a 0.5% voltage regulation accuracy throughout the


Similar Part No. - ISL6265A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265AHRTZ INTERSIL-ISL6265AHRTZ Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265AHRTZ-T INTERSIL-ISL6265AHRTZ-T Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com