Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265HRTZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6265HRTZ
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6265HRTZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6265HRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL6265HRTZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL6265
FN6599 Rev 1.00
Page 8 of 24
May 13, 2009
ISL6265 Gate Driver Timing Diagram
OFFSET FUNCTION
OFS Pin Voltage For Droop Enabling
VOFS
ROFS = 240k (OFS pin to GND)
1.18
1.2
1.22
V
FB Pin Source Current
IFB
IOFS = 10µA
9.0
9.9
10.8
µA
OFS Pin Voltage Threshold for VFIX
Mode and No Droop Operation (Note 3)
VOFS
-1.8
-
V
OFS Pin Voltage Threshold for SVI Mode
and No Droop Operation (Note 3)
VOFS
-4.0
-
V
OFS Bias (Note 3)
IOFS
1.8V < OFS < VCC
-
4.0
-
µA
LOGIC INPUTS
ENABLE Low Threshold
VIL(3.3V)
-
1.35
0.9
V
ENABLE High Threshold
VIH(3.3V)
2.0
1.6
-
V
ENABLE Leakage Current
Logic input is low
-1
0
-
µA
Logic input is high at 3.3V
-
0
1
µA
SVI INTERFACE
PWROK Input Low Threshold
-
0.65
0.8
V
PWROK Input High Threshold (Note 3)
-0.9
-
V
SVC, SVD Input HIGH (VIH)
1.05
0.87
-
V
SVC, SVD Input LOW (VIL)
-
0.68
0.45
V
Schmitt Trigger Input Hysteresis (Note 3)
-0.19
-
V
SVD Low Level Output Voltage
3mA Sink Current
-
0.1
0.285
V
SVC, SVD Leakage (Note 3)
EN = 0V, SVC, SVD = 0V
-
< -100
-
nA
EN = 5V, SVC, SVD = 1.8V
-
< -100
-
nA
DIFF AMP
Accuracy
VSEN = 0.5V to 1.55V; RTN = 0 ±0.1V
-2
-
2
mV
NOTES:
3. Limits should be considered typical and are not production tested.
4. Limits established by characterization and are not production tested.
Electrical Specifications
VCC = PVCC = 5V, VIN = 12V, TA = -10°C to +100°C; Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
PWM
UGATE
LGATE
tFL
tPDHU
1V
tFU
tPDHL
tRL
tRU
1V


Similar Part No. - ISL6265HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265HRTZ INTERSIL-ISL6265HRTZ Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6265HRTZ-T INTERSIL-ISL6265HRTZ-T Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
More results

Similar Description - ISL6265HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com