Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265HRTZ-T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6265HRTZ-T
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6265HRTZ-T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6265HRTZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 11Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 12Page - Renesas Technology Corp ISL6265HRTZ-T Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL6265
FN6599 Rev 1.00
Page 9 of 24
May 13, 2009
Functional Pin Description
VCC
The bias supply for the IC’s control circuitry. Connect this pin to
a +5V supply and decouple using a quality 0.1µF ceramic
capacitor.
VIN
Battery supply voltage. It is used for input voltage feed-forward to
improve the input line transient performance.
PVCC
The power supply pin for the internal MOSFET gate drivers of
the ISL6265. Connect this pin to a +5V power supply.
Decouple this pin with a quality 1.0µF ceramic capacitor.
GND
The bias and reference ground for the IC. The GND connection
for the ISL6265 is through the thermal pad on the bottom of the
package.
RBIAS
A 117k
 resistor from RBIAS to GND sets internal reference
currents. The addition of capacitance to this pin must be
avoided and can create instabilities in operation.
OFS/VFIXEN
A resistor from this pin to GND programs a DC current source,
which generates a positive offset voltage across the resistor
between FB and VDIFF pins. In this case, the OFS pin voltage
is +1.2V and VFIX mode is not enabled. If OFS is pulled up to
+3.3V, VFIX mode is enabled, the DAC decodes the SVC and
SVD inputs to determine the programmed voltage, and the
OFS function is disabled. If OFS is pulled up to +5V, the OFS
function and VFIX mode are disabled.
PWROK
System power good input. When this pin is high, the SVI
interface is active and I2C protocol is running. While this pin is
low, the SVC, SVD, and VFIXEN input states determine the
pre-PWROK metal VID or VFIX mode voltage. This pin must
be low prior to the ISL6265 PGOOD output going high per the
AMD SVI Controller Guidelines.
PGOOD
Controller power-good open-drain output. This pin is typically
pulled up externally by a 2.0k
 resistor to +3.3V. During
normal operation, this pin indicates whether all output voltages
are within specified overvoltage and undervoltage limits and no
overcurrent condition is present. If any output voltage exceeds
these limits or a reset event occurs, the pin is pulled low. This
pin is always low prior to the end of soft-start.
SVC
This pin is the serial VID clock input from the AMD processor.
SVD
This pin is the serial VID data bidirectional signal to and from
the master device on the AMD processor.
ENABLE
Digital input enable. A high level logic signal on this pin
enables the ISL6265.
FSET_NB
A resistor from this pin to GND programs the switching
frequency of the Northbridge controller (for example,
22.1k ~ 260kHz).
FB_NB
This pin is the output voltage feedback to the inverting input of
the Northbridge controller error amplifier.
COMP_NB
This pin is the output of the Northbridge controller error
amplifier.
VSEN_NB, RTN_NB
Remote Northbridge voltage sense input and return. Connect
isolated traces from these pins to the Northbridge sense points
of the processor.
OCSET_NB
Overcurrent protection selection input for the Northbridge
controller. A resistor from this pin to PHASE_NB sets the OC
trip point.
UGATE_NB
Upper MOSFET gate signal from Northbridge controller.
LGATE_NB
Lower MOSFET gate signal from Northbridge controller.
OFS/VFIXEN
PGOOD
PWROK
SVD
SVC
ENABLE
RBIAS
OCSET
VDIFF_0
FB_0
1
48
2
3
4
5
6
7
8
9
10
36
35
34
33
32
31
30
29
28
27
47
46
45
44
43
42
41
40
39
13
14
15
16
17
18
19
20
21
22
BOOT_NB
BOOT_0
UGATE_0
PHASE_0
PGND_0
LGATE_0
PVCC
LGATE_1
PGND_1
PHASE_1
49
GND
23
24
COMP_0
VW0
11
12
38
37
26
25
UGATE_1
BOOT_1


Similar Part No. - ISL6265HRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265HRTZ-T INTERSIL-ISL6265HRTZ-T Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
More results

Similar Description - ISL6265HRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com