Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6265CHRTZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6265CHRTZ
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6265CHRTZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6265CHRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL6265CHRTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ISL6265C
FN6976 Rev 2.00
Page 5 of 27
January 11, 2013
36
BOOT_NB
This pin is the upper gate drive supply voltage for the Northbridge controller. Connect an appropriately
sized ceramic bootstrap capacitor between the BOOT_NB and PHASE_NB pins. An internal bootstrap
diode connected to the PVCC pin provides the necessary bootstrap charge.
37
UGATE_NB
Upper MOSFET gate signal from Northbridge controller.
38
PHASE_NB
Switch node of the Northbridge controller. This pin should connect to the source of the Northbridge
channel upper MOSFET(s).
39
LGATE_NB
Lower MOSFET gate signal from Northbridge controller.
40
PGND_NB
The return path of the Northbridge controller lower gate driver. Connect this pin to the source of the lower
MOSFET(s).
41
OCSET_NB
Overcurrent protection selection input for the Northbridge controller. A resistor from this pin to
PHASE_NB sets the OC trip point.
43, 42
VSEN_NB, RTN_NB
Remote Northbridge voltage sense input and return. Connect isolated traces from these pins to the
Northbridge sense points of the processor.
44
FSET_NB
A resistor from this pin to GND programs the switching frequency of the Northbridge controller (for
example, 22.1k ~ 260kHz).
45
COMP_NB
This pin is the output of the Northbridge controller error amplifier.
46
FB_NB
This pin is the output voltage feedback to the inverting input of the Northbridge controller error amplifier.
47
VCC
The bias supply for the IC’s control circuitry. Connect this pin to a +5V supply and decouple using a quality
0.1µF ceramic capacitor.
48
VIN
Battery supply voltage. It is used for input voltage feed-forward to improve the input line transient
performance.
-
GND
The bias and reference ground for the IC. The GND connection for the ISL6265C is through the thermal
pad on the bottom of the package.
Pin Descriptions (Continued)
PIN(s)
SYMBOL(s)
DESCRIPTION


Similar Part No. - ISL6265CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265CHRTZ INTERSIL-ISL6265CHRTZ Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265CHRTZ-T INTERSIL-ISL6265CHRTZ-T Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265 INTERSIL-ISL6265 Datasheet
583Kb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com