Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2225A-D Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ST2225A-D
Description  LED DISPLAY DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2225A-D Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ST2225A-D Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2225A-D Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ST2225A
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
LED Display Driver
-6-
Version:A.025
Operating Ratings
Supply Voltage (V
DD
– V
SS
) ..............................+4.75V to 11V
Ambient Temperature Range (T
A
)..................-40to +85
Functional Description
The ST2225A display driver can drive either 4- or 5-digit alphanumeric LED displays. One of
its advantages is its minimal interface requirement with the display or data source.
Data transfer is accomplished by sending clock and serial data signals, without any need of an
external load signal. This method provides a non-multiplexed, direct drive to the LED display. The
data transfer format uses a leading “1” followed by 35 data bits. These 35 data bits are latched after
the 36th has been transferred. In this way, data output (refers to the currently displayed characters)
changes only if the serial data bits differ from those previously transferred.
Display brightness is controlled by the output current for LED displays. A 1nF capacitor should
be connected to brightness control pin to prevent oscillations.
Figure 1 shows the block diagram of this driver. The output current is set via an external
variable resistor, and is typically 27 times greater than the current in brightness control pin.
Input data format, as in Figure 4, shows a leading “1” followed by 35 data bits. When the 36th is
transferred, a LOAD signal is generated synchronously with the clock high state, thus, the 35 bits of
data are loaded into the latches. The low state of the clock is used to generate a RESET signal to
clear all shift registers for the next set of data. To allow continuous operation, all shift registers are
static master-slaves, with no clear for the master portion of the first register.


Similar Part No. - ST2225A-D

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
   LED Display Driver
More results

Similar Description - ST2225A-D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com