Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST480V360J012 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # ST480V360J012
Description  Strobe-Flash, Long-Life, 360 & 450 V Aluminum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

ST480V360J012 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  ST480V360J012 Datasheet HTML 1Page - Cornell Dubilier Electronics ST480V360J012 Datasheet HTML 2Page - Cornell Dubilier Electronics ST480V360J012 Datasheet HTML 3Page - Cornell Dubilier Electronics ST480V360J012 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type ST 55 °C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
High Energy, Long-Life
Rugged Type ST capacitors can withstand more than
30 million full discharges in typical strobe-lamp
applications—that’s more than ten years’ operation in
emergency vehicles. This exceptional life capability is
also available in screw-terminal and other case styles
and other capacitance values.
The ST’s magic is its ability to handle the spectrum
of currents caused by full discharge at 1 Hz and faster
rates. Because discharge energy is at frequencies from
less than a hertz to thousands of hertz, power loss and
heating are not predicted by the ESR at 120 Hz, and the
open-structure anode foil of Type ST excels at low loss
over the full spectrum.
Highlights
Tested to More than 10 Million Flashes
More than 30 Million Flashes Typical Life
Snapmount or Solder-Lug Terminals
Specifications
Operating Temperature: –40 °C to +55 °C
Rated Voltage: 360 or 450 Vdc
Capacitance: 30 to 300 µF –10% +20%
Leakage Current: 0.01 CV +20 µA at 25 °C
Cold Impedance: –20 °C multiplier of 25 °C Z ≤ 2
Dissipation Factor: 7% maximum @ 25 °C & 120 Hz
Discharge Life: 10 million discharges at 1 s interval, xenon flash tube 0.7 to 1Ω
capacitance ±10%, ESR 150% of limit, DCL 150% of limit
Shelf Life: 500 h @ +55 °C, ∆ capacitance ±10%
ESR 150% of limit, DCL 150% of limit
Vibration: 10 to 55 Hz; 0.06” and 10 g max, 6 h vertical, 2 h each, 2 other planes
Outline Drawings


Similar Part No. - ST480V360J012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
More results

Similar Description - ST480V360J012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ST480V360J012 CDE-ST480V360J012 Datasheet
260Kb / 3P
   55 째C Strobe-Flash, Long-Life, 360 & 450 V Aluminum
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
logo
RUBYCON CORPORATION
CDF RUBYCON-CDF_15 Datasheet
170Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
CDF RUBYCON-CDF Datasheet
52Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com