Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK681-310N-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK681-310N-E
Description  Forward / Reverse DC Motor Driver Intelligent Power Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-310N-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK681-310N-E Datasheet HTML 1Page - ON Semiconductor STK681-310N-E Datasheet HTML 2Page - ON Semiconductor STK681-310N-E Datasheet HTML 3Page - ON Semiconductor STK681-310N-E Datasheet HTML 4Page - ON Semiconductor STK681-310N-E Datasheet HTML 5Page - ON Semiconductor STK681-310N-E Datasheet HTML 6Page - ON Semiconductor STK681-310N-E Datasheet HTML 7Page - ON Semiconductor STK681-310N-E Datasheet HTML 8Page - ON Semiconductor STK681-310N-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number :
December 2016 - Rev. 0
STK681-310N-E/D
STK681-310N-E
Forward / Reverse DC Motor Driver
Intelligent Power Module (IPM)
Overview
Reversible direction DC brush motor driver with current control function
Application
Copying machine, printer, etc. for office use
Features
 Forward, reverse, and braking operations can be controlled with
external input signals.
 Provides a startup output current of 4.2 A and supports a peak
braking output current of 8 A.
 Built-in current detection resistor (0.1
Ω) and supports constant-
current control.
 Does not require design of a dead time period in which the high and
low side devices are turned off when switching between the forward
and reverse directions.
www.onsemi.com
PACKAGE PICTURE
MARKING DIAGRAM
STK681-310N = Type name
A =Production Plant
B = Production Year
C = Production Month
DD = Production Day
Device marking is on package top side
PIN CONNECTIONS
ORDERING INFORMATION
Device
Package
Shipping
(Qty / Packing)
STK681-310N-E
SIP19 29.2x14.4
(Pb-Free)
15 / Tube
STK681-310N
ABCDD
Figure 1 : Functional Diagram
STK681-310N-E
N.C pins are
no connection
Current
control
Themal
protection
circuit


Similar Part No. - STK681-310N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - STK681-310N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com