Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA6509A
Description  3-band mixer/oscillator and PLL for terrestrial tuners
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA6509A Datasheet HTML 3Page - NXP Semiconductors TDA6509A Datasheet HTML 4Page - NXP Semiconductors TDA6509A Datasheet HTML 5Page - NXP Semiconductors TDA6509A Datasheet HTML 6Page - NXP Semiconductors TDA6509A Datasheet HTML 7Page - NXP Semiconductors TDA6509A Datasheet HTML 8Page - NXP Semiconductors TDA6509A Datasheet HTML 9Page - NXP Semiconductors TDA6509A Datasheet HTML 10Page - NXP Semiconductors TDA6509A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
2005 Mar 25
7
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
handbook, halfpage
TDA6508
TDA6508A
MDB226
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
HIGH_RFIN1
HIGH_RFIN2
MID_RFIN1
MID_RFIN2
LOW_RFIN
RF_GND
MIX_OUT1
MIX_OUT2
IFAMP_IN1
IFAMP_IN2
P2
P1
P0
P3
SDA
SCL
LOW_OSCIN
LOW_OSCOUT
OSC_GND
MID_OSCIN2
MID_OSCIN1
HIGH_OSCIN2
HIGH_OSCIN1
VCC
IFAMP_OUT2/IF_GND
IFAMP_OUT1
PLL_GND
AS
VT
CP
ADC/P4
XTAL_REF
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Fig.2
Pin configuration for TDA6508 and
TDA6508A (TSSOP32).
handbook, halfpage
TDA6509
TDA6509A
MDB227
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LOW_OSCIN
LOW_OSCOUT
OSC_GND
MID_OSCIN2
MID_OSCIN1
HIGH_OSCIN2
HIGH_OSCIN1
VCC
IF_GND/IFAMP_OUT2
IFAMP_OUT1
PLL_GND
AS
VT
CP
ADC/P4
XTAL_REF
HIGH_RFIN1
HIGH_RFIN2
MID_RFIN1
MID_RFIN2
LOW_RFIN
RF_GND
MIX_OUT1
MIX_OUT2
IFAMP_IN1
IFAMP_IN2
P2
P1
P0
P3
SDA
SCL
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Fig.3 Pin configuration for TDA6509 and TDA6509A
(TSSOP32).


Similar Part No. - TDA6509A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6509A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com