Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H64SA35 Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H64SA35
Description  AUTOMOTIVE FAST 8K X 8 SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H64SA35 Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

  U62H64SA35 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H64SA35 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
April 20, 2004
6
U62H64
Test Configuration for Functional Check
VIH
VIL
VSS
VCC
5 V
481
255
30 pF e
VO
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
E1
E2
W
G
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
e In measurement of tdis(E), tdis(W), tdis(G), ten(E), ten(W), ten(G) the capacitance is 5 pF.
All pins not under test must be connected with ground by capacitors.
Capacitance
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC = 5.0 V
VI = VSS
CI
8pF
Output Capacitance
f
= 1 MHz
Ta = 25 °C
CO
10
pF
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Assembly location and
trace code
Internal Code
Ordering Code
Device Marking (example)
ZMD
U62H64SK
35L
C 0425
1 ZZ
G1
Access Time
35 = 35 ns
L
S
35
K
U62H64
Type
Package
S = SOP28 (300 mil)
Operating Temperature Range
K = -40 to 85 °C
A = -40 to 125 °C
Leadfree Option
blank = Standard Package
G1
= Leadfree Green Package f
Power Consumption
blank = Standard (only A-Type)
L
= Low Power (only K-Type)
f on special request
Example


Similar Part No. - U62H64SA35

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35 ZMD-U62H256AS2A35 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35G1 ZMD-U62H256AS2A35G1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LL ZMD-U62H256AS2A35LL Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LLG1 ZMD-U62H256AS2A35LLG1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
More results

Similar Description - U62H64SA35

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
   8K X 8 bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com