Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83637HF-AW Datasheet(PDF) 10 Page - Winbond

Part # W83637HF-AW
Description  LPC I/O
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83637HF-AW Datasheet(HTML) 10 Page - Winbond

Back Button W83637HF-AW Datasheet HTML 6Page - Winbond W83637HF-AW Datasheet HTML 7Page - Winbond W83637HF-AW Datasheet HTML 8Page - Winbond W83637HF-AW Datasheet HTML 9Page - Winbond W83637HF-AW Datasheet HTML 10Page - Winbond W83637HF-AW Datasheet HTML 11Page - Winbond W83637HF-AW Datasheet HTML 12Page - Winbond W83637HF-AW Datasheet HTML 13Page - Winbond W83637HF-AW Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
W83637HF
Publication Release Date: June 25, 2003
- 5 -
Revision 1.3
General Purpose I/O Ports
40 programmable general purpose I/O ports
General purpose I/O ports can serve as simple I/O ports, interrupt steering inputs, watching
dog timer output, power LED output, infrared I/O pins, KBC control I/O pins, suspend LED
output, RSMRST# signal, PWROK signal, STR (suspend to DRAM) function, VID control
function,
OnNow Functions
Keyboard Wake-Up by programmable keys
Mouse Wake-Up by programmable buttons
CIR Wake-Up by programmable keys
SMART Card Wake-up by SCPSNT
On Now Wake-Up from all of the ACPI sleeping states (S1-S5)
Smart Card Reader Interface
PC/SC T=0, T=1 compliant
ISO7816 protocol compliant
With 16-byte send/receive FIFOs
Programmable baud generator
Standard drivers for Windows 98 ME
TM, Windows 2000TM
Memory StickTM Reader Interface
Meet SONY Memory StickTM Specification Version 1.03
Hardware Monitor Functions
Smart fan control system, support “Thermal Cruise
TM” and “Speed CruiseTM
3 thermal inputs from optionally remote thermistors or 2N3904 transistors or Pentium
TM II/III/4
thermal diode output
3 positive voltage inputs (typical for +5V, +3.3V, Vcore)
2 intrinsic voltage monitoring (typical for Vbat, +5VSB)
3 fan speed monitoring inputs
3 fan speed control
Build in Case open detection circuit
WATCHDOG comparison of all monitored values
Programmable hysteresis and setting points for all monitored items
Over temperature indicate output


Similar Part No. - W83637HF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83637HF-AW WINBOND-W83637HF-AW Datasheet
1Mb / 151P
   LPC I/O
More results

Similar Description - W83637HF-AW

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT6102D NUVOTON-NCT6102D Datasheet
12Mb / 455P
   LPC I/O
NCT6776F NUVOTON-NCT6776F Datasheet
4Mb / 449P
   LPC I/O
logo
Winbond
W83637HF WINBOND-W83637HF_06 Datasheet
1Mb / 151P
   LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG_10 Datasheet
1Mb / 251P
   NUVOTON LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com