Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL016A90TAER22 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL016A90TAER22
Description  S29GL-A MirrorBit Flash Family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL016A90TAER22 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL016A90TAER22 Datasheet HTML 6Page - SPANSION S29GL016A90TAER22 Datasheet HTML 7Page - SPANSION S29GL016A90TAER22 Datasheet HTML 8Page - SPANSION S29GL016A90TAER22 Datasheet HTML 9Page - SPANSION S29GL016A90TAER22 Datasheet HTML 10Page - SPANSION S29GL016A90TAER22 Datasheet HTML 11Page - SPANSION S29GL016A90TAER22 Datasheet HTML 12Page - SPANSION S29GL016A90TAER22 Datasheet HTML 13Page - SPANSION S29GL016A90TAER22 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
8
S29GL-A MirrorBit™ Flash Family
S29GL-A_00_A3 April 22, 2005
Advan ce
In form ati o n
Connection Diagrams
Notes:
1. Pin 9 is A21, Pin 13 is ACC, Pin 14 is WP#, Pin 15 is A19, and Pin 47 is VIO on S29GL064A (models R6, R7).
2. Pin 13 is NC on S29GL032A, and S29GL016A.
3. Pin 10 is NC on S29GL016A.
Notes:
1. Pin 15 is NC on S29GL032A.
1
16
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
9
10
11
12
13
14
15
48
33
47
46
45
44
43
42
41
40
39
38
37
36
35
34
25
32
31
30
29
28
27
26
A15
A18
A14
A13
A12
A11
A10
A9
A8
A19
1
A20
3
WE#
RESET#
A21
1,2
WP#/ACC
1
RY/BY#
1
A1
A17
A7
A6
A5
A4
A3
A2
A16
DQ2
BYTE#
1
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
48-Pin Standard TSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
NC
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
1
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
NC
NC
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
23
24
25
26
27
28
A4
A3
A2
A1
NC
NC
34
33
32
31
30
29
OE#
VSS
CE#
A0
NC
VIO
56-Pin Standard TSOP


Similar Part No. - S29GL016A90TAER22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL016A SPANSION-S29GL016A Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI010 SPANSION-S29GL016A100BAI010 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI012 SPANSION-S29GL016A100BAI012 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAI013 SPANSION-S29GL016A100BAI013 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL016A100BAIR10 SPANSION-S29GL016A100BAIR10 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL016A90TAER22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com