Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14843 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CA14843
Description  Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14843 Datasheet(HTML) 2 Page - Ledil, Inc.

  CA14843 Datasheet HTML 1Page - Ledil, Inc. CA14843 Datasheet HTML 2Page - Ledil, Inc. CA14843 Datasheet HTML 3Page - Ledil, Inc. CA14843 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT
DATASHEET
CA14843_STRADA-B2
Last update: 14/05/2018
Subject to change without prior notice
2/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA14843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
Cree, Inc
CA14000 CREE-CA14000 Datasheet
530Kb / 9P
   Heidi series
logo
Ledil, Inc.
CA14000 LEDIL-CA14000 Datasheet
762Kb / 13P
   Heidi series
CA14000_HEIDI-M-NP LEDIL-CA14000_HEIDI-M-NP Datasheet
762Kb / 13P
   Heidi series
logo
Cree, Inc
CA14026 CREE-CA14026 Datasheet
1Mb / 23P
   Strada series
More results

Similar Description - CA14843

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13473 LEDIL-CA13473 Datasheet
1Mb / 5P
   Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11902 LEDIL-FA11902_18 Datasheet
4Mb / 6P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
   ~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11825 LEDIL-FA11825_18 Datasheet
2Mb / 6P
   ~55째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com