Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28023FR60Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL28023FR60Z
Description  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28023FR60Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL28023FR60Z Datasheet HTML 3Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 4Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 5Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 6Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 7Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 8Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 9Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 10Page - Renesas Technology Corp ISL28023FR60Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
ISL28023
FN8389 Rev 5.00
Page 7 of 55
March 18, 2016
Vbus_vos
VBUS Offset Voltage
ISL28023FR60Z
-20
±1
20
mV
ISL28023FR12Z
-5
± 1.5
5
mV
Vbus_TC
VBUS Offset Voltage vs Temperature
ISL28023FR60Z; T = -40°C to +125°C
±4
±100
µV/°C
ISL28023FR12Z; T = -40°C to +125°C
±4
±100
µV/°C
Vbus_Vco
VBUS Voltage Coefficient
50
ppm/V
Vbus_PSRR
VBUS Vos vs Power Supply
ISL28023FR60Z;
VCC = ± 10% of VCC nominal
±500
µV/V
ISL28023FR12Z
VCC = ± 10% of VCC nominal
±125
µV/V
Zin_Vbus
Input Impedance VBUS
ISL28023FR60Z
600
ISL28023FR12Z
150
AUX CHANNEL
Vshunt_aux
VSHUNT Aux Measurement Range
(AuxP - AuxM)
0±81.91
mV
Step_shunt_aux
1LSB Step Shunt Aux Voltage
2.5
µV
Vshunt_aux_vos
VSHUNT Aux Offset Voltage
±2.5
±50
µV
Vshunt_aux_TC
VSHUNT Aux Offset Voltage vs Temperature T = -40°C to +125°C
±0.01
±0.10
µV/°C
Vshunt_aux_CMRR VSHUNT Aux Vos vs Common-Mode
VBUS = 0V to VCC
±0.1
±4
µV/V
Vshunt_aux_PSRR VSHUNT Aux Vos vs Power Supply
VCC = ± 10% of VCC nominal
±0.45
µV/V
Zin_aux_in
AUX Input Impedance
Aux = AUXVshunt input path selected
1
Aux = AUXVshunt input path disabled
10
Vauxv
Usable AVXV Voltage Measurement Range
0
VCC
V
Step_auxv
1LSB Step AUXV Voltage
100
µV
Vauxv_vos
Vauxv Offset Voltage
±0.3
±4
mV
Vauxv_TC
Vauxv Offset Voltage vs Temperature
T = -40°C to +125°C
±0.2
±22
µV/°C
Vauxv_PSRR
Vauxv Vos vs Power Supply
VCC = ±10% of VCC nominal
±1
mV/V
Zin_auxv
Auxv Input Impedance
Input path selected
200
Input path disabled
10
ADC PARAMETERS
ADC Resolution
16
Bits
Primary Shunt Voltage Gain Error
±0.05
±0.25
%
T = -40°C to +125°C
±60
ppm/°C
Primary Bus Voltage Gain Error
±0.05
±0.2
%
T = -40°C to +125°C
10
±70
ppm/°C
Aux Shunt Voltage Gain Error
±0.02
±0.25
%
T = -40°C to +125°C
±65
ppm/°C
Aux Bus Voltage Gain Error
±0.02
±0.2
%
T = -40°C to +125°C
±65
ppm/°C
Differential Nonlinearity
±1
LSB
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Similar Part No. - ISL28023FR60Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28023FR60Z INTERSIL-ISL28023FR60Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023FR60Z INTERSIL-ISL28023FR60Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results

Similar Description - ISL28023FR60Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com