Electronic Components Datasheet Search |
|
ISL28023EVKIT1Z Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
ISL28023EVKIT1Z Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 55 page ISL28023 FN8389 Rev 5.00 Page 5 of 55 March 18, 2016 TABLE 1. DPM PORTFOLIO COMPARISON - ISL28022 vs ISL28023 vs ISL28025 DESCRIPTION BASIC DIGITAL POWER MONITOR FULL FEATURE DIGITAL POWER MONITOR DIGITAL POWER MONITOR IN TINY PACKAGE PART NUMBER ISL28022 ISL28023 ISL28025 PACKAGE MSOP10, QFN16 QFN24 WLCSP-16 Temperature Range -40°C to +125°C -40°C to +125°C -40°C to +125°C 0V to 60V Input Range 0V to 60V Opt 1: 0V to 60V Opt 2: 0V to 16V Opt 1: 0V to 60V Opt 2: 0V to 16V ADC 16-bit 16-bit 16-bit +25°C Gain Error 0.30% 0.25% 0.25% Current Measure LSB Step 10µV 2.5µV 2.5µV +25°C Offset 75µV 30µV 30µV Primary Differential Shunt Input X X X Channel Independent Bus Voltage X X X LV Aux Differential Shunt Input X Channel Independent Bus Voltage X X VBus LSB Step Low Voltage Bus 0.25mV 0.25mV High Voltage Bus 4mV 1mV/0.25mV 1mV/0.25mV External Temperature Sensor Input X HV Internal Regulator (3.3VOUT)X X Fast OC/OV/UV Alert Outputs 2 Outputs 2 Outputs Margin DAC X Internal Temperature Sensor X X User Select Conversion Mode/Sample Rate X X X Peak Min/Max Current Registers X X Slave Address Locations 16 Addresses 55 Addresses 55 Addresses I2C Level Translators XX PMBus XX I2C/SMBus X X X High Speed (3.4MHz) I2C Mode X X X External Clock Input X X X Power Shutdown Mode X X X |
Similar Part No. - ISL28023EVKIT1Z |
|
Similar Description - ISL28023EVKIT1Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |