Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62386HRTZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL62386HRTZ
Description  High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62386HRTZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL62386HRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62386HRTZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL62386
FN6831 Rev 0.00
Page 9 of 20
February 4, 2009
FIGURE 11. CCM STEADY-STATE OPERATION,VIN = 12V,
VO1 = 3.3V, IO1 =5A, VO2 = 5V, IO2 =5A
FIGURE 12. DCM STEADY-STATE OPERATION,VIN = 12V,
VO1 = 3.3V, IO1 = 0. 2A, VO2 = 5V, IO2 = 0. 2A
FIGURE 13. AUDIO FILTER OPERATION, VIN = 12V,
VO1 = 3.3V, VO2 = 5V, NO LOAD
FIGURE 14. TRANSIENT RESPONSE, VIN = 12V, VO1 =3.3V,
IO1 = 0.1A/8.1A @ 2.5A/µs
FIGURE 15. LOAD INSERTION RESPONSE, VIN =12V,
VO1 = 3.3V, IO1 = 0.1A/8.1A @ 2.5A/µs
FIGURE 16. LOAD RELEASE RESPONSE, VIN =12V,
VO1 = 3.3V, IO1 = 0.1A/8.1A @ 2.5A/µs
Typical Performance (Continued)
PHASE2
VO2
PHASE1
VO1
1) CH1: 50mV 2V 2µs
2) CH2: 10V 2µs
3) CH3: 50mV 2µs
4) CH4: 10V 2µs
VO1
PHASE1
VO2
PHASE2
1) CH1: 50mV 10µs
2) CH2: 10V 10µs
3) CH3: 50mV 10µs
4) CH4: 10V 10µs
VO1
PHASE1
VO2
PHASE2
1) CH1: 50mV 20µs
2) CH2: 10mV 20µs
3) CH3: 50mV 20µs
4) CH4: 10V 20µs
IO1
VO1
PHASE1
1) CH1: 50mV 100µs
2) CH2: 10V 100µs
4) CH4: 5A 100µs
VO1
PHASE1
IO1
1) CH1: 50mV 20µs
2) CH2: 10V 20µs
4) CH4: 5A 20µs
VO1
PHASE1
IO1
1) CH1: 50mV 20µs
2) CH2: 10V 20µs
4) CH4: 5A 20µs


Similar Part No. - ISL62386HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62386HRTZ INTERSIL-ISL62386HRTZ Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ-T INTERSIL-ISL62386HRTZ-T Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62386HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com