Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62773HRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL62773HRZ
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62773HRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL62773HRZ Datasheet HTML 6Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 7Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 8Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 9Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 10Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 11Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 12Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 13Page - Renesas Technology Corp ISL62773HRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ISL62773
FN8263 Rev 1.00
Page 10 of 37
Dec 16, 2015
37
UGATEX
High-side MOSFET gate driver portion of the programmable internal driver used for either Channel 3 of
the Core VR or Channel 1 of the Northbridge VR based on the configuration state selected by the
FCCM_NB resistor. Connect the UGATEX pin to the gate of the high-side MOSFET(s) for either Phase 3 of
the Core VR or Phase 1 of the Northbridge VR based on the configuration state selected.
38
PHASEX
Phase connection of the programmable internal driver used for either Channel 3 of the Core VR or
Channel 1 of the Northbridge VR based on the configuration state selected by the FCCM_NB resistor.
Current return path for the high-side MOSFET gate driver of the floating internal driver. Connect the
PHASEX pin to the node consisting of the high-side MOSFET source, the low-side MOSFET drain and the
output inductor of either Phase 3 of the Core VR or Phase 1 of the Northbridge VR based on the
configuration state selected.
39
LGATEX
Low-side MOSFET gate driver portion of floating internal driver used for either Channel 3 of the Core VR
or Channel 1 of the Northbridge VR based on the configuration state selected by the FCCM_NB resistor.
Connect the LGATEX pin to the gate of the low-side MOSFET(s) for either Phase 3 of the Core VR or
Phase 1 of the Northbridge VR based on the configuration state selected.
40
PWM2_NB
PWM output for Channel 2 of the Northbridge VR. Disabled when ISEN2_NB is tied to +5V.
41
FCCM_NB
Diode emulation control signal for Intersil MOSFET Drivers. When FCCM_NB is LOW, diode emulation at
the driver this pin connects to is allowed. A resistor from FCCM_NB pin to GND configures the PWM_Y
and floating internal gate driver [BOOTX, UGATEX, PHASEX, LGATEX pins] to support Phase 3 of the Core
VR and Phase 1 of the Northbridge VR. The FCCM_NB resistor value also is used to set the slew rate for
the Core VR and Northbridge VR.
42
PGOOD_NB
Open-drain output to indicate the Northbridge portion of the IC is ready to supply regulated voltage. Pull
up externally to VDDP or 3.3V through a resistor.
43
COMP_NB
Northbridge VR error amplifier output. A resistor from COMP_NB to GND sets the Northbridge VR offset
voltage and is used to set the switching frequency for the Core VR and Northbridge VR.
44
FB_NB
Output voltage feedback to the inverting input of the Northbridge controller error amplifier.
45
VSEN_NB
Output voltage sense pin for the Northbridge controller. Connect to the +sense pin of the microprocessor
die.
46
ISUMN_NB
Inverting input of the transconductance amplifier for current monitor and load line of the Northbridge VR.
47
ISUMP_NB
Noninverting input of the transconductance amplifier for current monitor and load line of the Northbridge
VR.
48
ISEN1_NB
Individual current sensing for Channel 1 of the Northbridge VR. If ISEN2_NB is tied to +5V, this pin cannot
be left open and must be tied to GND with a 10kΩ resistor. If ISEN1_NB is tied to+5V, the Northbridge
portion of the IC is shutdown.
GND (Bottom Pad)
Signal common of the IC. Unless otherwise stated, signals are referenced to the GND pin.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL62773HRZ
ISL62773 HRZ
-10 to +100
48 Ld 6x6 QFN
L48.6x6B
ISL62773IRZ
ISL62773 IRZ
-40 to +85
48 Ld 6x6 QFN
L48.6x6B
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL62773. For more information on MSL please see tech brief TB363.


Similar Part No. - ISL62773HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL62773HRZ-T INTERSIL-ISL62773HRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL62773HRZ-TS2705 INTERSIL-ISL62773HRZ-TS2705 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL62773HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com