Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62382HRTZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL62382HRTZ
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62382HRTZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL62382HRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62382HRTZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C
FN6665 Rev 6.00
Page 7 of 24
October 23, 2015
Typical Application Circuits The below typical application circuits generate the 1.05V/15A and 1.5V/15A main supplies in a
notebook computer. The input supply (VBAT) range is 5.5V to 25V
FIGURE 3. TYPICAL APPLICATION CIRCUIT WITH INDUCTOR DCR CURRENT SENSE
FIGURE 4. TYPICAL APPLICATION CIRCUIT WITH RESISTOR CURRENT SENSE
V BAT
VIN
PH A S E 1
UG AT E 1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
PH A SE2
UG A T E 2
LG A T E 2
OC S E T 2
IS E N 2
VO U T 2
FB 2
1.05 V
1.5V
3.3V
5V
LD O 5
LD O 3 *
VC C 1
VC C 2
LD O 5
P GOOD 2
P GOOD 1
PG N D
GN D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
BO O T 2
LD O 3 IN *
LD O 3 FB *
F CCM
LD O 3 E N *
V BAT
0.22µF
0.22µF
IRF7821x2
IRF7821x2
IRF7832x2
IRF7832x2
2.2µH
2.2µH
24.3k
36.5k
590
1800pF
16.2k
16.2k 0.022µF
100k
100k
0.01µF
0.01µF
14k
17.4k
1µF
4.7µF
4.7µF
10k
17.4k
48.7k
36.5k
10
1µF
330µFx2
330µFx2
1800pF
590
16.2k
16.2k
0.022µF
6x10µF
ISL62381
*ISL62381, ISL62382, ISL62381C,
AND ISL62382C ONLY
ISL62382
ISL62383
ISL62381C
ISL62382C
ISL62383C
VB A T
VIN
PH A S E1
UG AT E 1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
PH A S E 2
UG AT E 2
LG A T E 2
OC S E T 2
IS E N 2
VO U T 2
FB 2
1.0 5 V
1.5V
3.3V
5V
LD O 5
LD O 3 *
VC C 1
VC C 2
LD O 5
PG O O D 2
P GOO D 1
PG N D
GN D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
B OOT 2
LD O 3 IN *
LD O 3 F B *
F CCM
LD O 3 E N *
VB A T
0.22µF
0.22µF
IRF7821x2
IRF7821x2
IRF7832x2
IRF7832x2
2.2µH
2.2µH
6x10µF
0.01µF
0.01µF
17.4k
14k
1µF
1µF
4.7µF
4.7µF
10k
17.4k
24.3k
36.5k
1800pF
1800pF
590
590
100k
100k
36.5k
48.7k
330µFx2
330µFx2
10
0.001
0.001
2k
2k
2k
2k
*ISL62381, ISL62382, ISL62381C
AND ISL62382C ONLY
ISL62381
ISL62382
ISL62383
ISL62381C
ISL62382C
ISL62383C


Similar Part No. - ISL62382HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62382HRTZ INTERSIL-ISL62382HRTZ Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62382HRTZ INTERSIL-ISL62382HRTZ Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
ISL62382HRTZ INTERSIL-ISL62382HRTZ Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62382HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com