Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62773AIRZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL62773AIRZ
Description  Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62773AIRZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL62773AIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL62773AIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FN8410 Rev 1.00
Page 1 of 37
November 19, 2015
FN8410
Rev 1.00
November 19, 2015
ISL62773A
Multiphase PWM Regulator for AMD Fusion™ Mobile CPUs Using SVI 2.0
DATASHEET
The ISL62773A is fully compliant with AMD Fusion™ SVI 2.0
and provides a complete solution for microprocessor and
graphics processor core power. The ISL62773A controller
supports two Voltage Regulators (VRs) with three integrated
gate drivers and two optional external drivers for maximum
flexibility. The Core VR can be configured for 3-, 2-, or 1-phase
operation while the Northbridge VR supports 2- or 1-phase
configurations. The two VRs share a serial control bus to
communicate with the AMD CPU and achieve lower cost and
smaller board area compared with two-chip solutions.
The PWM modulator is based on Intersil’s Robust Ripple
Regulator R3™ Technology. Compared to traditional
modulators, the R3™ modulator can automatically change
switching frequency for faster transient settling time during
load transients and improved light load efficiency.
The ISL62773A has several other key features. Both outputs
support DCR current sensing with single NTC thermistor for
DCR temperature compensation or accurate resistor current
sensing. Both outputs utilize remote voltage sense, adjustable
switching frequency, OC protection and power-good.
Applications
• AMD Fusion CPU/GPU core power
• Notebook computers
Features
• Supports AMD SVI 2.0 serial data bus interface
- Serial VID clock frequency range 100kHz to 25MHz
• Dual output controller with integrated drivers
- Two dedicated core drivers
- One programmable driver for either Core or Northbridge
• Precision voltage regulation
- 0.5% system accuracy over-temperature
- 0.5V to 1.55V in 6.25mV steps
- Enhanced load line accuracy
• Supports multiple current sensing methods
- Lossless inductor DCR current sensing
- Precision resistor current sensing
• Programmable 1-, 2- or 3-phase for the core output and 1- or
2-phase for the Northbridge output
• Adaptive body diode conduction time reduction
• Superior noise immunity and transient response
• Output current and voltage telemetry
• Differential remote voltage sensing
• High efficiency across entire load range
•Programmable slew rate
• Programmable VID offset and droop on both outputs
• Programmable switching frequency for both outputs
• Excellent dynamic current balance between phases
• Protection: OCP/WOC, OVP, PGOOD and thermal monitor
• Small footprint 48 Ld 6x6 QFN package
- Pb-free (RoHS compliant)
Core Performance
FIGURE 1. EFFICIENCY vs LOAD
FIGURE 2. VOUT vs LOAD
0
10
20
30
40
50
60
70
80
90
100
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VOUT CORE = 1.1V
VIN = 8V
VIN = 12V
VIN = 19V
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
0
5
10 15 20 25 30 35 40 45 50 55
IOUT (A)
VIN = 8V
VIN = 12V
VIN = 19V
VOUT CORE = 1.1V


Similar Part No. - ISL62773AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773HRZ INTERSIL-ISL62773HRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL62773HRZ RENESAS-ISL62773HRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results

Similar Description - ISL62773AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com