Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62381CHRTZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL62381CHRTZ
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62381CHRTZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL62381CHRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62381CHRTZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C, ISL62383C
FN6665 Rev 6.00
Page 11 of 24
October 23, 2015
FIGURE 15. LOAD INSERTION RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 16. LOAD RELEASE RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 17. DELAYED START, VIN = 12V, VO1 =3.3V, VO2 =5V,
EN2 = FLOAT, NO LOAD
FIGURE 18. DELAYED START, VIN =12V, VO1 =3.3V, VO2 =5V,
EN1 = FLOAT, NO LOAD
FIGURE 19. DELAYED START, VIN = 12V, VO1 =3.3V, VO2 =5V,
EN1 = 1, EN2 = FLOAT, NO LOAD
FIGURE 20. OVERCURRENT PROTECTION, VIN =12V,
VO =3.3V
Typical Performance (Continued)
VO1
PHASE1
IO1
VO1
PHASE1
IO1
EN1
VO1
VO2
VO2
EN2
VO1
VO1
PGOOD1
PGOOD2
VO2
IO1
PGOOD1
VO1


Similar Part No. - ISL62381CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381CHRTZ INTERSIL-ISL62381CHRTZ Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62381CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com