Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62392CHRTZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL62392CHRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62392CHRTZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL62392CHRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 3 of 22
August 25, 2015
Absolute Maximum Ratings
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
VCC, PGOOD, PVCC to GND . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
EN1, 2, LDO3EN . . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC +0.3V
VOUT1,2, FB1,2, FSET1,2 . . . . . . . . . . . . -0.3V to GND, VCC +0.3V
PHASE1,2 to GND . . . . . . . . . . . . . . . . . . . . . . . (DC) -0.3V to +28V
(<100ns Pulse Width, 10µJ) . . . . . . . . . . . . . . . . . . . . . . . . . -5.0V
BOOT1,2 to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +33V
BOOT1,2 to PHASE1,2 . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
UGATE1,2 . . . . . . . . . . . . (DC) -0.3V to PHASE1,2, BOOT1,2 +0.3V
(<200ns Pulse Width, 20µJ) . . . . . . . . . . . . . . . . . . . . . . . . -4.0V
LGATE1,2. . . . . . . . . . . . . . . . . . . (DC) -0.3V to GND, PVCC +0.3V
(<100ns Pulse Width, 4µJ) . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V
LDO3 Current (Internal Regulator) Continuous . . . . . . . . . +100mA
Thermal Information
Thermal Resistance (Typical, Notes 4, 5)
JA (°C/W) JC (°C/W)
TQFN Package . . . . . . . . . . . . . . . . . .
37
3.5
Junction Temperature Range. . . . . . . . . . . . . . . . . .-55
C to +150°C
Operating Temperature Range
ISL62391IRTZ). . . . . . . . . . . . . . . . . . . . . . . . . . .-40
C to +100°C
ISL62392IRTZ). . . . . . . . . . . . . . . . . . . . . . . . . . .-40
C to +100°C
Operating Temperature Range
ISL62391HRTZ) . . . . . . . . . . . . . . . . . . . . . . . . . .-10
C to +100°C
ISL62392HRTZ) . . . . . . . . . . . . . . . . . . . . . . . . . .-10
C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range
ISL62391IRTZ). . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
ISL62392IRTZ). . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Ambient Temperature Range
ISL62391HRTZ) . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
ISL62392HRTZ) . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . 5.5V to 25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN=12V, EN=VCC, TA = -40°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range.
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
LINEAR REGULATOR
VIN Power-on Reset
Rising Threshold
5.3
5.4
5.5
V
Hysteresis
20
80
150
mV
VIN Shutdown Supply Current
EN1 = EN2 = LDO3EN = 0
6
15
µA
VIN Standby Supply Current
EN1 = EN2 = 0, LDO3EN = 1
150
250
µA
LDO3 Output Voltage
I_LDO3 = 100mA
3.25
3.3
3.35
V
I_LDO3 = 0mA
3.25
3.3
3.35
V
LDO3 Short-Circuit Current
LDO3 = GND
180
mA
LDO3EN Input Voltage
Rising edge
1.1
2.5
V
Falling edge
0.94
1.06
V
LDO3EN Input Leakage Current
LDO3EN = 0 or VCC
-1
1
µA
LDO3 Discharge ON-resistance
LDO3EN = 0
36
60
PVCC POR Threshold
4.2
V
SMPS2 to PVCC Switchover Threshold
4.63
4.8
4.93
V
SMPS2 to PVCC Switchover Resistance
VOUT2 to PVCC, VOUT2 = 5V
2.5
3.2
MAIN SMPS CONTROLLERS
VCC Input Bias Current
EN1 = EN2 = 1, FB1 = FB2 = 0.65V
2
mA
VCC Start-up Voltage
EN1 = EN2 = LDO3EN = GND
3.45
3.6
3.75
V


Similar Part No. - ISL62392CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62392CHRTZ INTERSIL-ISL62392CHRTZ Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
More results

Similar Description - ISL62392CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com