Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL320
Description  Small and Thin 5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320 Datasheet(HTML) 1 Page - Analog Devices

  ADXL320 Datasheet HTML 1Page - Analog Devices ADXL320 Datasheet HTML 2Page - Analog Devices ADXL320 Datasheet HTML 3Page - Analog Devices ADXL320 Datasheet HTML 4Page - Analog Devices ADXL320 Datasheet HTML 5Page - Analog Devices ADXL320 Datasheet HTML 6Page - Analog Devices ADXL320 Datasheet HTML 7Page - Analog Devices ADXL320 Datasheet HTML 8Page - Analog Devices ADXL320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Small and Thin ±5 g Accelerometer
ADXL320
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Small and thin
4 mm × 4 mm × 1.45 mm LFCSP package
2 mg resolution at 60 Hz
Wide supply voltage range: 2.4 V to 5.25 V
Low power: 350 µA at VS = 2.4 V (typ)
Good zero g bias stability
Good sensitivity accuracy
X-axis and Y-axis aligned to within 0.1° (typ)
BW adjustment with a single capacitor
Single-supply operation
10,000 g shock survival
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Cost-sensitive motion- and tilt-sensing applications
Smart hand-held devices
Mobile phones
Sports and health-related devices
PC security and PC peripherals
GENERAL DESCRIPTION
The ADXL320 is a low cost, low power, complete dual-axis
accelerometer with signal conditioned voltage outputs, which is
all on a single monolithic IC. The product measures
acceleration with a full-scale range of ±5 g (typical). It can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL320’s typical noise floor is 250 µg/√Hz, allowing
signals below 2 mg to be resolved in tilt-sensing applications
using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XOUT and YOUT pins. Bandwidths of
0.5 Hz to 2.5 kHz may be selected to suit the application.
The ADXL320 is available in a very thin 4 mm × 4 mm ×
1.45 mm, 16-lead, plastic LFCSP.
FUNCTIONAL BLOCK DIAGRAM
ADXL320
SENSOR
+3V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
VS
CDC
DEMOD
AC
AMP
RFILT
32k
XOUT
CX
YOUT
CY
RFILT
32k
Figure 1.


Similar Part No. - ADXL320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results

Similar Description - ADXL320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com