Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-120DC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AMD27C64-120DC
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-120DC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AMD27C64-120DC Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 9Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 10Page - Advanced Micro Devices AMD27C64-120DC Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMD
2-16
Am27C64
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products
–65
°C to +125°C
. . . . . . . . . . . . . . .
All Other Products
–65
°C to +150°C
. . . . . . . . . . . .
Ambient Temperature
with Power Applied
–55
°C to +125°C
. . . . . . . . . . . . .
Voltage with Respect To VSS
All pins except A9,VPP,VCC
–0.6 V to VCC + 0.5 V
.
A9 and VPP
–0.6 V to +13.5 V
. . . . . . . . . . . . . . . .
VCC
–0.6 V to +7.0 V
. . . . . . . . . . . . . . . . . . . . . . .
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
transitions, the inputs may overshoot VSS to –2.0 V for pe-
riods of up to 20 ns. Maximum DC voltage on input and I/O
pins is VCC + 0.5 V which may overshoot to VCC + 2.0 V for
periods up to 20 ns.
2. For A9 and VPP the minimum DC input is –0.5 V. During
transitions, A9 and VPP may overshoot VSS to –2.0 V for
periods of up to 20 ns. A9 and VPP must not exceed 13.5 V
for any period of time.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)0
°C to +70°C
. . . . . . .
Industrial (I) Devices
Ambient Temperature (TA)
–40
°C to +85°C
. . . . .
Extended Commercial (E) Devices
Ambient Temperature (TA)
–55
°C to +125°C
. . . .
Supply Read Voltages
VCC for Am27C64-XX5
+4.75 V to +5.25 V
. . . . . .
VCC for Am27C64-XX0
+4.50 V to +5.50 V
. . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.


Similar Part No. - AMD27C64-120DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-120DC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com