Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3418L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AO3418L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AO3418L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AO3418L Datasheet HTML 1Page - List of Unclassifed Manufacturers AO3418L Datasheet HTML 2Page - List of Unclassifed Manufacturers AO3418L Datasheet HTML 3Page - List of Unclassifed Manufacturers AO3418L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
70
90
100
125
RθJL
63
80
Junction and Storage Temperature Range
A
PD
°C
1.4
0.9
-55 to 150
TA=70°C
ID
3.8
3.1
15
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Gate-Source Voltage
Drain-Source Voltage
30
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO3418, AO3418L ( Green Product )
N-Channel Enhancement Mode Field Effect Transistor
Rev 3: Nov 2004
Features
VDS (V) = 30V
ID = 3.8 A
RDS(ON) < 60mΩ (VGS = 10V)
RDS(ON) < 70mΩ (VGS = 4.5V)
RDS(ON) < 155mΩ (VGS = 2.5V)
General Description
The AO3418 uses advanced trench technology to
provide excellent RDS(ON), very low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a load switch or in PWM
applications. AO3418L ( Green Product ) is offered in
a lead-free package.
G
D
S
S
G
D
TO-236
(SOT-23)
Top View
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO3418L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3418 AOSMD-AO3418 Datasheet
454Kb / 5P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3418 KEXIN-AO3418 Datasheet
2Mb / 4P
   N-Channel MOSFET
logo
Kersemi Electronic Co.,...
AO3418 KERSEMI-AO3418 Datasheet
844Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3418-3 KEXIN-AO3418-3 Datasheet
2Mb / 4P
   N-Channel MOSFET
AO3418-HF KEXIN-AO3418-HF Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3418L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com