Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2304AF-1H-08-SR Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5P2304AF-1H-08-SR
Description  3.3 V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304AF-1H-08-SR Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5P2304AF-1H-08-SR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304AF-1H-08-SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
September 2005
ASM5P2304A
rev 1.4
3.3V Zero Delay Buffer
2 of 15
Notice: The information in this document is subject to change without notice.
ASM5P2304A Configurations
Device
Feedback From
Bank A Frequency
Bank B Frequency
ASM5P2304A-1
Bank A or Bank B
Reference
Reference
ASM5P2304A-1H
Bank A or Bank B
Reference
Reference
ASM5P2304A-2
Bank A
Reference
Reference /2
ASM5P2304A-2
Bank B
2 X Reference
Reference
ASM5P2304A-2H
Bank A
Reference
Reference/2
ASM5P2304A-2H
Bank B
2 X Reference
Reference
Zero Delay and Skew Control
For applications requiring zero input-output delay, all outputs must be equally loaded
.
To close the feedback loop of the ASM5P2304A, the FBK
pin can be driven from any of the four available output pins.
The output driving the FBK pin will be driving a total load of
7pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining
outputs) can adjust the input output delay. This is shown in
the above graph.
For applications requiring zero input-output delay, all
outputs including the one providing feedback should be
equally loaded. If input-output delay adjustments are
required, use the above graph to calculate loading
differences between the feedback output and remaining
outputs. For zero output-output skew, be sure to load
outputs equally.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
-500
-1000
-1500
500
1000
1500
Output Load Difference: FBK Load - CLKA/CLKB Load (pF)
REF Input to CLKA/CLKB Delay Vs Difference in Loading between FBK pin and CLKA/CLKB pins


Similar Part No. - ASM5P2304AF-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2304AF-1H-08-SR PULSECORE-ASM5P2304AF-1H-08-SR Datasheet
371Kb / 14P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2304AF-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com