Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-90PI Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AMD27C64-90PI
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-90PI Datasheet(HTML) 1 Page - Advanced Micro Devices

  AMD27C64-90PI Datasheet HTML 1Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 2Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-90PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Publication# 11419
Rev. D
Amendment /0
Issue Date: May 1995
2-10
Advanced
Micro
Devices
Am27C64
64 Kilobit (8,192 x 8-Bit) CMOS EPROM
FINAL
DISTINCTIVE CHARACTERISTICS
s Fast access time
— 45 ns
s Low power consumption
— 20
µA typical CMOS standby current
s JEDEC-approved pinout
s Single +5 V power supply
s
±10% power supply tolerance available
s 100% FlashriteTM programming
— Typical programming time of 1 second
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Versatile features for simple interfacing
— Both CMOS and TTL input/output
compatibility
— Two line control functions
s Standard 28-pin DIP, PDIP, and 32-pin PLCC
packages
GENERAL DESCRIPTION
The Am27C64 is a 64-Kbit ultraviolet erasable program-
mable read-only memory. It is organized as 8K words by
8 bits per word, operates from a single +5 V supply, has
a static standby mode, and features fast single address
location programming. Products are available in win-
dowed ceramic DIP packages as well as plastic one
time programmable (OTP) PDIP, and PLCC packages.
Typically, any byte can be accessed in less than 45 ns,
allowing operation with high-performance microproces-
sors without any WAIT states. The Am27C64 offers
separate Output Enable (
OE) and Chip Enable (CE)
controls, thus eliminating bus contention in a multiple
bus microprocessor system.
AMD’s CMOS process technology provides high speed,
low power, and high noise immunity. Typical power con-
sumption is only 80 mW in active mode, and 100
µW in
standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in blocks,
or at random. The Am27C64 supports AMD’s Flashrite
programming algorithm (100
µs pulses) resulting in a
typical programming time of 1 second.
BLOCK DIAGRAM
VCC
VSS
Output Enable
Chip Enable
and
Prog Logic
Y
Decoder
X
Decoder
CE
OE
Output
Buffers
Y
Gating
65,538
Bit Cell
Matrix
A0–A12
Address
Inputs
Data Outputs
DQ0–DQ7
11419D-1
VPP
PGM


Similar Part No. - AMD27C64-90PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-90PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com