Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8845BEGT250Z Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8845BEGT250Z
Description  3A CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BEGT250Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8845BEGT250Z Datasheet HTML 7Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 8Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 9Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 10Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 11Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 12Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 13Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 14Page - Analog Microelectronics AME8845BEGT250Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AME, Inc.
11
AME8845
3A CMOS LDO
The AME8845 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 140oC, or
the current exceeds 4.5A. During thermal shutdown, the
output voltage remains low. Normal operation is restored
when the junction temperature drops below 110oC.
The AME8845 behaves like a current source when the
load reaches 4.5A. However, if the load impedance drops
below 0.3 ohms, the current drops back to 600mA to
prevent excessive power dissipation. Normal operation
is restored when the load resistance exceeds 0.75 ohms.
n Detailed Description
n External Capacitors
The AME8845 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.


Similar Part No. - AME8845BEGT250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845BEGT250Z AME-AME8845BEGT250Z Datasheet
180Kb / 19P
   3A CMOS LDO
More results

Similar Description - AME8845BEGT250Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8845 AME-AME8845_11 Datasheet
180Kb / 19P
   3A CMOS LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com