Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH7823AFVM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BH7823AFVM
Description  Audio driver for cellular phones
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BH7823AFVM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BH7823AFVM Datasheet HTML 1Page - List of Unclassifed Manufacturers BH7823AFVM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*1: 0.4~30kHz *2: DIN AUDIO
Application Circuit
Operating voltage range
VCCS
2.8
5.5
V
Recommended Operating Conditions (Ta=25°C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
Circuit current 1
Circuit current 2
Voltage gain 1
Voltage gain 2
Maximum output voltage
Output distortion rate
Output residual noise
Suspend attenuation
BIAS set voltage
Suspend hold voltage/ H
Suspend hold voltage/ L
ICC1
ICC2
GV1
GV2
VOM
DSTN
VNO
GS
VBIAS
VSH
VSL
9.5
–2.0
4.8
1.6
VCC/3+0.8
0
3
0
11.5
0
6.8
0.2
–94
–107
1.8
7
2
13.5
2.0
1.0
–80
–80
2.0
VCC
0.5
mA
µA
dB
dB
dBV
%
dBV
dBV
V
V
V
No signal Active MODE
No signal Suspend MODE
VIN=–20dBV 1st OPAMP gain
VIN=–20dBV 2nd OPAMP gain
DSTN=10% BTL
*1
VIN=–20dBV SE
*1
No signal, SE Active MODE
*2
VIN=–20dBV BTL
*2
2PIN DC voltage
Active MODE Hold voltage
Suspend MODE Hold voltage
Electrical characteristics (Unless otherwise noted; Ta=25°C, Vcc=3.6V, f=1kHz, RL=8 )
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
6
7
8
5
1
2
3
4
BIAS
A/S
SUSPEND
SP_IN(L+R)
R1
R2
C
SP_OUT
4/8/12
SPEAKER
0.1µ
0.1µ
1.0µ
BH7823AFVM
*This product is not designed for protection against radioactive rays.


Similar Part No. - BH7823AFVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH7821BFP-Y ETC1-BH7821BFP-Y Datasheet
96Kb / 2P
   Headphone/Speaker amplifier for notebook PC
logo
Rohm
BH7824FVM ROHM-BH7824FVM Datasheet
172Kb / 5P
   Audio Driver (Speaker AMP) for Mobile telephone
BH7824FVM ROHM-BH7824FVM Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BH7823AFVM

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
Rohm
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
   Audio driver IC for mobile phones
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
   Cellular phones audio Digital cameras Portable applicationss
LESD8D3.3T5G LRC-LESD8D3.3T5G Datasheet
136Kb / 4P
   ESD PROTECTION DIODE Cellular phones audio Digital cameras
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
List of Unclassifed Man...
BU8768FV ETC-BU8768FV Datasheet
75Kb / 2P
   Tone generator LSI for cellular phones
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
   PCM CODEC for Digital cellular phones
logo
List of Unclassifed Man...
BU8766FV ETC-BU8766FV Datasheet
58Kb / 2P
   Tone generator LSI for cellular phones
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com