Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2304AG-1H-08-SR Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5P2304AG-1H-08-SR
Description  3.3 V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304AG-1H-08-SR Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5P2304AG-1H-08-SR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304AG-1H-08-SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
September 2005
ASM5P2304A
rev 1.4
3.3V Zero Delay Buffer
5 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics for ASM5P2304A Commercial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
<A
IIH
Input HIGH Current
VIN = VDD
100.0
<A
VOL
Output LOW Voltage
4
IOL = 8mA (-1, -2)
IOH = 12mA (-1H, -2H)
0.4
V
VOH
Output HIGH Voltage
4
IOL = -8mA (-1, -2)
IOH = -12mA (-1H, -2H)
2.4
V
Unloaded outputs 100MHz REF,
Select inputs at VDD or GND
45.0
Unloaded outputs, 66MHz REF
(-1, -1H, -2, -2H)
32.0
IDD
Supply Current
Unloaded outputs, 33MHz REF
(-1, -1H, -2, -2H)
18.0
mA
Note:
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM5P2304AG-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2304AG-1H-08-SR PULSECORE-ASM5P2304AG-1H-08-SR Datasheet
371Kb / 14P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2304AG-1H-08-SR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com