Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-120JI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AMD27C64-120JI
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-120JI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AMD27C64-120JI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 9Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 10Page - Advanced Micro Devices AMD27C64-120JI Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AMD
2-19
Am27C64
SWITCHING TEST CIRCUIT
Device
Under
Test
CL
+5.0 V
CL = 100 pF including jig capacitance (30 pF for -45, -55, -70)
6.2 k
2.7 k
Diodes = IN3064
or Equivalent
11419D-7
SWITCHING TEST WAVEFORM
2.4 V
0.45 V
2.0 V
0.8 V
2.0 V
0.8 V
Test Points
Input
Output
3 V
0 V
1.5 V
1.5 V
Input
Output
Test Points
AC Testing: Inputs are driven at 2.4 V for a logic “1”
and 0.45 V for a logic “0”. Input pulse
rise and fall times are
≤ 20 ns.
11419D-8
AC Testing: Inputs are driven at 3.0 V for a logic “1”
and 0 V for a logic “0”. Input pulse rise and
fall times are
≤ 20 ns for -45, -55 and -70.


Similar Part No. - AMD27C64-120JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Similar Description - AMD27C64-120JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com