Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I2304AG-1H-08-ST Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM5I2304AG-1H-08-ST
Description  3.3 V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I2304AG-1H-08-ST Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM5I2304AG-1H-08-ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM5I2304AG-1H-08-ST Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
September 2005
ASM5P2304A
rev 1.4
3.3V Zero Delay Buffer
8 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I2304A Industrial Temperature Devices
All parameters are specified with loaded outputs
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load, -1H, -2H devices
15
133
MHz
1/t1
Output Frequency
15pF load, -1 and -2 devices
15
133
MHz
Duty Cycle
8 = (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <66.66MHz
30pF load
40.0
50.0
60.0
%
Duty Cycle
8= (t2 / t1) * 100
(-1, -2, -1H, -2H)
Measured at 1.4V, FOUT = <50 MHz
15pF load
45.0
50.0
55.0
%
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
30pF load
2.50
nS
t3
Output Rise Time
8
(-1, -2)
Measured between 0.8V and 2.0V
15pF load
1.50
nS
t3
Output Rise Time
8
(-1H, -2H)
Measured between 0.8V and 2.0V
30pF load
1.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
30pF load
2.50
nS
t4
Output Fall Time
8
(-1, -2)
Measured between 2.0V and 0.8V
15pF load
1.50
nS
t4
Output Fall Time
8
(-1H, -2H)
Measured between 2.0V and 0.8V
30pF load
1.25
nS
Output-to-output skew on same bank (-1, -2)
8
All outputs equally loaded
200
Output-to-output skew
(-1H, -2H)
All outputs equally loaded
200
Output bank A -to- output bank B skew (-1, -2H)
All outputs equally loaded
200
t5
Output bank A -to- output bank B skew (-2)
All outputs equally loaded
400
pS
t6
Delay, REF Rising Edge to FBK Rising Edge
8
Measured at VDD /2
0
±250
pS
t7
Device-to-Device Skew
8
Measured at VDD/2 on the FBK pins of the
device
0
500
pS
t8
Output Slew Rate
8
Measured between 0.8V and 2.0V using
Test Circuit #2
1
V/nS
Measured at 66.67MHz, loaded outputs,
15pF load
180
Measured at 66.67MHz, loaded outputs,
30pF load
200
tJ
Cycle-to-cycle jitter
8
(-1, -1H, -2H)
Measured at 25MHz, loaded outputs,
15pF load
100
pS
Measured at 66.67MHz, loaded outputs,
30pF load
400
tJ
Cycle-to-cycle jitter
8
(-2)
Measured at 66.67MHz, loaded outputs,
15pF load
380
pS
tLOCK
PLL Lock Time
8
Stable power supply, valid clock presented
on REF and FBK pins
1.0
mS
Note:
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.


Similar Part No. - ASM5I2304AG-1H-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5I2304AG-1H-08-ST PULSECORE-ASM5I2304AG-1H-08-ST Datasheet
371Kb / 14P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5I2304AG-1H-08-ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com