Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95839 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL95839
Description  Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95839 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL95839 Datasheet HTML 20Page - Renesas Technology Corp ISL95839 Datasheet HTML 21Page - Renesas Technology Corp ISL95839 Datasheet HTML 22Page - Renesas Technology Corp ISL95839 Datasheet HTML 23Page - Renesas Technology Corp ISL95839 Datasheet HTML 24Page - Renesas Technology Corp ISL95839 Datasheet HTML 25Page - Renesas Technology Corp ISL95839 Datasheet HTML 26Page - Renesas Technology Corp ISL95839 Datasheet HTML 27Page - Renesas Technology Corp ISL95839 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ISL95839
FN8315 Rev 0.00
Page 24 of 36
May 9, 2013
current, idroop may have sharp spikes, which may adversely
affect idroop average value detection and therefore may affect
OCP accuracy. User discretion is advised.
Resistor Current-Sensing Network
Figure 23 shows the resistor current-sensing network for a
2-phase solution. Each inductor has a series current-sensing
resistor Rsen. Rsum and Ro are connected to the Rsen pads to
accurately capture the inductor current information. The Rsum
and Ro resistors are connected to capacitor Cn. Rsum and Cn
form a filter for noise attenuation. Equations 24 thru 26 give
VCn(s) expression:
Transfer function ARsen(s) always has unity gain at DC.
Current-sensing resistor Rsen value will not have significant
variation over-temperature, so there is no need for the NTC
network.
The recommended values are Rsum = 1kΩ and Cn = 5600pF.
Overcurrent Protection
Refer to Equation 1 on page 16 and Figures 17, 21 and 23;
resistor Ri sets the droop current Idroop. Tables 2 and 3 show the
internal OCP threshold. It is recommended to design Idroop
without using the RCOMP resistor.
For example, the OCP threshold is 60µA for 3-phase solution. We
will design Idroop to be 50µA at full load, so the OCP trip level is
1.2x of the full load current.
For inductor DCR sensing, Equation 27 gives the DC relationship
of Vcn(s) and Io(s).
Substitution of Equation 27 into Equation 1 gives Equation 28:
Therefore:
Substitution of Equation 19 and application of the OCP condition
in Equation 29 gives Equation 30:
where Iomax is the full load current, Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsum = 3.65kΩ, Rp = 11kΩ, Rntcs = 2.61kΩ, Rntc = 10kΩ,
DCR = 0.9mΩ, Iomax = 94A and Idroopmax = 50µA, Equation 30
gives Ri = 467Ω.
For resistor sensing, Equation 31 gives the DC relationship of
Vcn(s) and Io(s).
Substitution of Equation 31 into Equation 1 gives Equation 32:
Therefore:
Substitution of Equation 33 and application of the OCP condition
in Equation 29 gives Equation 34:
where Iomax is the full load current, Idroopmax is the
corresponding droop current. For example, given N = 3,
Rsen =1mΩ, Iomax = 94A and Idroopmax = 50µA, Equation 34
gives Ri = 627Ω.
Load Line Slope
Refer to Figure 10.
For inductor DCR sensing, substitution of Equation 28 into
Equation 2 gives the load line slope expression:
FIGURE 23. RESISTOR CURRENT-SENSING NETWORK
Cn
Rsum
Ro
DCR
L
DCR
L
Rsum
Ro
Phase2
Phase3
Io
DCR
L
Phase1
Ro
Rsum
Ri
ISUM+
ISUM-
Vcn
Rsen
Rsen
Rsen
VCn s

Rsen
N
------------- Io s

ARsen
s

=
(EQ. 24)
ARsen s

1
1
s
Rsen
-----------------
+
---------------------------
=
(EQ. 25)
Rsen
1
Rsum
N
--------------- Cn
-----------------------------
=
(EQ. 26)
VCn
Rntcnet
Rntcnet
Rsum
N
---------------
+
------------------------------------------ DCR
N
-------------





Io
=
(EQ. 27)
Idroop
1
Ri
-----
Rntcnet
Rntcnet
Rsum
N
---------------
+
------------------------------------------ DCR
N
-------------
Io
=
(EQ. 28)
Ri
Rntcnet DCR
Io
NRntcnet
Rsum
N
---------------
+


Idroop
----------------------------------------------------------------------------------
=
(EQ. 29)
Ri
Rntcs Rntc
+
 R
p
Rntcs Rntc Rp
++
---------------------------------------------------- DCR
Iomax
N
Rntcs Rntc
+
 R
p
Rntcs Rntc Rp
++
----------------------------------------------------
Rsum
N
---------------
+



Idroopmax
-----------------------------------------------------------------------------------------------------------------------------
=
(EQ. 30)
VCn
Rsen
N
------------- Io
=
(EQ. 31)
Idroop
1
Ri
-----
Rsen
N
------------- Io
=
(EQ. 32)
Ri
Rsen Io
NIdroop
---------------------------
=
(EQ. 33)
Ri
Rsen Iomax
NIdroopmax
--------------------------------------
=
(EQ. 34)
LL
Vdroop
Io
-------------------
Rdroop
Ri
-------------------
Rntcnet
Rntcnet
Rsum
N
---------------
+
------------------------------------------ DCR
N
-------------
==
(EQ. 35)


Similar Part No. - ISL95839

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95839HRTZ INTERSIL-ISL95839HRTZ Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
More results

Similar Description - ISL95839

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
logo
Renesas Technology Corp
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
logo
Intersil Corporation
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL95831C RENESAS-ISL95831C Datasheet
190Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12??CPUs
logo
Intersil Corporation
ISL95831IRTZ INTERSIL-ISL95831IRTZ Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95831 RENESAS-ISL95831 Datasheet
181Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12™ CPUs
December 22, 2011
logo
Intersil Corporation
ISL95835HRZ INTERSIL-ISL95835HRZ Datasheet
96Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com